Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 26Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 27Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 28Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 29Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 30Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 31Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 32Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 33Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
30 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
Pin TXEN
VIH(TXEN)
HIGH-level input voltage
on pin TXEN
0.7VIO
-5.5
V
VIL(TXEN)
LOW-level input voltage
on pin TXEN
0.3
-
0.3VIO
V
IIH(TXEN)
HIGH-level input current
on pin TXEN
VTXEN = VIO
10
+1
A
IIL(TXEN)
LOW-level input current
on pin TXEN
VTXEN = 0.3VIO
15
-
3
A
IL(TXEN)
leakage current on pin
TXEN
VTXEN = 5.25 V; VIO = 0 V
10
+1
A
Pin BGE
VIH(BGE)
HIGH-level input voltage
on pin BGE
0.7VIO
-5.5
V
VIL(BGE)
LOW-level input voltage
on pin BGE
0.3
-
0.3VIO
V
IIH(BGE)
HIGH-level input current
on pin BGE
VBGE = 0.7VIO
3-
11
A
IIL(BGE)
LOW-level input current
on pin BGE
VBGE = 0 V
10
+1
A
Pin TXD
VIH(TXD)
HIGH-level input voltage
on pin TXD
normal power modes
0.7VIO
-VIO + 0.3
V
VIL(TXD)
LOW-level input voltage
on pin TXD
normal power modes
0.3
-
0.3VIO
V
IIH(TXD)
HIGH-level input current
on pin TXD
VTXD = VIO
70
230
650
A
IIL(TXD)
LOW-level input current
on pin TXD
normal power modes;
VTXD =0V
50
+5
A
low power modes
1
0
+1
A
ILI(TXD)
input leakage current on
pin TXD
VTXD = 5.25 V; VIO = 0 V
10
+1
A
Ci(TXD)
input capacitance on pin
TXD
not tested; with respect to all
other pins at ground;
VTXD = 100 mV; f = 5 MHz
[2] -
5
10
pF
Pin RXD
IOH(RXD)
HIGH-level output
current on pin RXD
VRXD = VIO  0.4 V; VIO =VCC
20
-
2mA
IOL(RXD)
LOW-level output
current on pin RXD
VRXD = 0.4 V
2
-
20
mA
Table 13.
Static characteristics …continued
All parameters are guaranteed for VBAT = 6.5 V to 60 V; VCC = 4.75 V to 5.25 V; VBUF = 4.75 V to 5.25 V; VIO = 2.2 V to 5.25 V;
Tvj = 40 C to +150 C; Rbus = 45 ; RTRXD = 200 unless otherwise specified. All voltages are defined with respect to
ground; positive currents flow into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com