| Electronic Components Datasheet Search |
|
TJA1080ATS/2/T Datasheet(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TJA1080ATS/2/T Datasheet(HTML) 6 Page - NXP Semiconductors |
|
6 / 49 page ![]() TJA1080A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 6 — 28 November 2012 6 of 49 NXP Semiconductors TJA1080A FlexRay transceiver 6. Functional description The block diagram of the total transceiver is illustrated in Figure 1. 6.1 Operating configurations 6.1.1 Node configuration In node configuration the transceiver operates as a stand-alone transceiver. The transceiver can be configured as node by connecting pins TRXD0 and TRXD1 to ground during a power-on situation (PWON flag is set). The configuration will be latched when the PWON flag is reset, see Section 6.7.4. The following operating modes are available: • Normal (normal power mode) • Receive-only (normal power mode) • Standby (low power mode) • Go-to-sleep (low power mode) • Sleep (low power mode) 6.1.2 Star configuration In star configuration the transceiver operates as a branch of a FlexRay active star. The transceiver can be configured as star by connecting pin TRXD0 or TRXD1 to VBUF during a PWON situation (PWON flag is set). The configuration will be latched when the PWON flag is reset, see Section 6.7.4 “Power-on flag”. It is possible to redirect data from one branch to other branches via the inner bus. It is also possible to send data to all branches via pin TXD, if pins TXEN and BGE have the correct polarity. The following operating modes are available: • Star-idle (normal power mode) • Star-transmit (normal power mode) • Star-receive (normal power mode) • Star-sleep (low power mode) • Star-standby (low power mode) • Star-locked (normal power mode) In the star configuration all modes are autonomously controlled by the transceiver, except in the case of a wake-up. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |