Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TJA1080ATS/2/T Datasheet(PDF) 44 Page - NXP Semiconductors

Part # TJA1080ATS/2/T
Description  FlexRay transceiver
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1080ATS/2/T Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button TJA1080ATS/2/T Datasheet HTML 40Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 41Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 42Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 43Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 44Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 45Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 46Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 47Page - NXP Semiconductors TJA1080ATS/2/T Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
TJA1080A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 28 November 2012
44 of 49
NXP Semiconductors
TJA1080A
FlexRay transceiver
14. Appendix
14.1 EPL 3.0.1 requirements implemented in the TJA1080A
Table 17.
EPL 3.0.1 requirements implemented
EPL 3.0.1 parameter
Description
-
wake-up via dedicated data frames
RDCLoad
transmitter output voltage defined for DC bus load of 40
 to 55 /100 pF
dBDTx10, dBDTx01
transmitter delay:
 75 ns
uData0_LP
receiver thresholds for detecting DATA_0 in low-power modes:
400 mV (min) /
100 mV (max)
dBDRxai
idle reaction time: 50 ns to 275 ns
dBDActivityDetection
activity detection time 100 ns to 250 ns
dBDRxia
activity reaction time: 100 ns to 325 ns
uData1
 uData0
receiver threshold mismatch:
 30 mV
dBDRx10, dBDRx01
receiver delay:
 75 ns
dBusRx0BD, dBusRx1BD
minimum bit time: 70 ns
C_StarTxD, C_BDTxD
maximum input capacitance on pin TXD: 10 pF
-
BD_Off mode defined
short-circuit currents:
iBPBMShortMax,iBMBPShortMax
BP shorted to BM: < 60 mA; no time limit
iBPGNDShortMax,iBMGNDShortMax
BP/BM shorted to ground: < 60 mA; no time limit
iBP-5ShortMax,iBM-5ShortMax
BP/BM shorted to
5 V: < 60 mA; no time limit
iBPBAT48ShortMax,iBMBAT27ShortMax
BP/BM shorted to 27 V: < 60 mA; no time limit
iBPBAT48ShortMax,iBMBAT27ShortMax
BP/BM shorted to 48 V: < 72 mA; no time limit
iBPBAT60ShortMax,iBMBAT60ShortMax
BP/BM shorted to 60 V: < 90 mA; for 400 ms (max)
dBDRVCC
VCC undervoltage recovery time: 10 ms (max)
uINH1Not_Sleep
voltage drop from VBAT to INH: 1 V @ 200 A and VBAT  5.5 V
iINH1Leak
leakage current, when INH is floating:
 A
-
qualification according to AEC-Q100 temperature classes
uESDExt
6 kV ESD (min) on pins BP and BM according to HBM (100 pF/1500
)
uESDInt
2 kV ESD (min) on all other pins according to HBM (100 pF/1500
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com