Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 54 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 50Page - STMicroelectronics S2-LPQTR Datasheet HTML 51Page - STMicroelectronics S2-LPQTR Datasheet HTML 52Page - STMicroelectronics S2-LPQTR Datasheet HTML 53Page - STMicroelectronics S2-LPQTR Datasheet HTML 54Page - STMicroelectronics S2-LPQTR Datasheet HTML 55Page - STMicroelectronics S2-LPQTR Datasheet HTML 56Page - STMicroelectronics S2-LPQTR Datasheet HTML 57Page - STMicroelectronics S2-LPQTR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 90 page
background image
Packet handler engine
S2-LP
54/90
DocID029944 Rev 1
Sequence number: it is a 2 bits field and contains the sequence number of the
transmitted packet. It is incremented automatically every time a new packet is
transmitted. It can be manually updated with the SEQUENCE_UPDATE command.
NO_ACK: it is 1 bit field that notify to the receiver if the packet has to be
acknowledged or not. This bit must be used only in STack packet format.
Payload: the main data from transmitter with a max length up to 65535 supported by
the embedded automatic packet handler.
CRC: can optionally be calculated on the transmitted data (Length field, Destination
Address field, Source Address field, Sequence Number, No Ack and Payload) and
appended at the end of the payload (see Section 7.9: "CRC").
Postamble
: The packet postamble allows inserting a certain number of ‘01’ bit pairs at
the end of the data packet. The number of postamble bit pairs can be set through the
MBUS_PSTMBL register.
7.3
802.15.4g packet
Table 51: 802.15.4g packet
Preamble
Sync
PHR
MHR + MAC Payload
CRC
0:2046 bits
0:32 bits
2 bytes
2:2047 bytes
0:4 bytes
Preamble:
each preamble is a pair of ‘01’ or ‘10’ from 0 pair to 2046 pairs,
programmed by the register PREAMBLE_LENGTH. The binary sequences transmitted
in the various modulation modes are summarized in Table 49: "Preamble field
selection" (leftmost bit is transmitted first).
Sync: the pattern that identify the start of the frame can be configured in value with a
programmable length from 0 to 32 bits, in steps of 1-bit length. The setting is done by
the register SYNC_LENGTH. The S2LP supports dual synchronization with a either a
primary or a secondary synchronization word. The binary content of the primary SYNC
word is programmable through registers SYNCx (x= 1, 2, 3, 4). The binary content of
the secondary SYNC word is programmable through registers SEC_SYNCx (x= 1, 2,
3, 4), note that such registers are in alternate use with address filtering registers. On
the transmitter side either the primary or the secondary word is transmitted according
to the value of the SECONDARY_SYNC_SEL register, in particular if
SECONDARY_SYNC_SEL = 0, the primary synchronization word is transmitted; if
SECONDARY_SYNC_SEL = 1 then the secondary synchronization word is
transmitted. On the receiver side, the primary synchronization word is always enabled.
The search for the secondary synchronization word can be enabled setting
SECONDARY_SYNC_SEL = 1b. In this case, both the binary patterns are searched
for and both of them can trigger the start of payload demodulation. The SQI[5:0] value
reported in the LINK_QUALIF register is the maximum between the SQI of the primary
and secondary words. The bit SQI[6] indicates which synchronization word has been
detected: in particular, if the secondary synchronization word has been detected then
the SQI[6] = 1b otherwise if the primary synchronization word has been detected then
SQI[6] = 0b. The binary pattern programmed in SYNCx (or SEC_SYNCx) is
transmitted on air starting with the most significant bit of x = 1, to the least significant
bit of x = 4 according to the programmed synchronization word length. For the
802.15.4g packet format, the secondary synchronization word is automatically
selected on the TX side and enabled on the RX side when FEC is enabled (FEC_EN
= 1) and the setting of SECONDARY_SYNC_SEL is ignored.
PHR: The PHR (Physical Header) field is specific for the 802.15.4g packet format and
is automatically built by the packet handler block based on current register
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com