Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 11Page - STMicroelectronics S2-LPQTR Datasheet HTML 12Page - STMicroelectronics S2-LPQTR Datasheet HTML 13Page - STMicroelectronics S2-LPQTR Datasheet HTML 14Page - STMicroelectronics S2-LPQTR Datasheet HTML 15Page - STMicroelectronics S2-LPQTR Datasheet HTML 16Page - STMicroelectronics S2-LPQTR Datasheet HTML 17Page - STMicroelectronics S2-LPQTR Datasheet HTML 18Page - STMicroelectronics S2-LPQTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
S2-LP
Specifications
DocID029944 Rev 1
15/90
4
Specifications
4.1
Absolute maximum ratings
Absolute maximum ratings are those values above which damage to the device may occur.
Functional operation under these conditions is not implied. All voltages refer to GND.
Table 4: Absolute maximum ratings
Parameter
Min.
Typ.
Max.
Unit
Supply and SMPS pins
-0.3
+3.9
V
DC voltage on VREG pins
-0.3
+3.9
DC voltage on digital input pins
-0.3
+3.9
DC voltage on digital output pins
-0.3
+3.9
DC voltage on ground pins
-0.3
+3.9
DC voltage on analog pins
-0.3
+1.8
DC voltage on TX pin
-0.3
+3.9
Storage temperature range
-40
+105
°C
VESD-HBM
-500
+500
V
4.2
Operating range
Table 5: Operating range
Parameter
Min.
Typ.
Max.
Unit
Operating battery supply voltage (VBAT)
1.8
3.0
3.6
V
Operating ambient temperature range
-40
25
85
°C
4.3
Thermal properties
Table 6: Thermal data
Parameter
QFN24
Unit
Thermal resistance junction-ambient
66
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com