Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 65 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 65 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 61Page - STMicroelectronics S2-LPQTR Datasheet HTML 62Page - STMicroelectronics S2-LPQTR Datasheet HTML 63Page - STMicroelectronics S2-LPQTR Datasheet HTML 64Page - STMicroelectronics S2-LPQTR Datasheet HTML 65Page - STMicroelectronics S2-LPQTR Datasheet HTML 66Page - STMicroelectronics S2-LPQTR Datasheet HTML 67Page - STMicroelectronics S2-LPQTR Datasheet HTML 68Page - STMicroelectronics S2-LPQTR Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
S2-LP
Link layer protocol
DocID029944 Rev 1
65/90
LDC_RELOAD_PRESCALER and LDC_COUNTER registers. In so doing, the
counting can be delayed or anticipated.
Only for the RX device, the wake-up timer can be automatically reloaded at the time
the SYNC is received. This option must be enabled on the PROTOCOL register.
The estimation of the values to be reloaded in order to get optimal LDC phasing is in
charge of the MCU, which should be synchronized with the S2-LP RCO using any of the
available clock outputs.
The details about LDC operation for the RX device are the following:
1.
The starting state is READY: as soon as user sets the LDC_MODE bit, LDC counter
starts in free running mode.
2.
The first RX operation is triggered by the RX command.
3.
First RX should be executed with a long (or infinite) timeout (LDC counter is still free
running, not synchronized).
4.
After first RX, the user should synchronize the LDC counter by using the
LDC_RELOAD command.
5.
Synchronization could be automatically triggered by the detection of the SYNC word.
6.
After each RX, the state machine will operate as follows:
a.
If no pending interrupt (nIRQ=1), then automatically go to SLEEP for LDC, but
only after RCCAL_OK goes to 1 (RCO calibration complete).
b.
If any pending interrupt (nIRQ=0), then stay in READY (MCU will send a SLEEP
command to go in SLEEP and resume LDC operation).
7.
If FIFOs are not retained in SLEEP, then the MCU must read the RX FIFO during the
READY state, before giving the SLEEP command.
8.
When the LDC_MODE bit is reset, the LDC counters will continue to decrement and,
when the device awakes from SLEEP, the LDC cycling will be stopped and the device
remain in READY.
The details about LDC operation for the TX device are the following:
1.
The starting state is READY: as soon as user sets the LDC_MODE bit, LDC counter
starts in free running mode.
2.
The first TX operation is triggered by the TX command.
3.
First TX is executed always (even if TX FIFO is empty); the next will happen only if TX
FIFO is not empty.
4.
At first TX, the LDC counter will automatically be reloaded.
5.
If TX FIFO is empty, the current slot will be skipped and the device will remain in
SLEEP state.
6.
The TX FIFO can be written during the SLEEP state also.
7.
When the LDC_MODE bit is reset, the LDC counter will continue to decrement and,
when the device awakes from SLEEP, the LDC cycling will be stopped and the device
remain in READY. However, it is also true that:
a.
In case the TX FIFO is empty, the device will still remain in SLEEP state until the
FIFO is written or a READY command is provided.
b.
In case the TX FIFO is not empty, a last TX operation will be performed before
the LDC stops.
For the Tx, the bit SLEEP_MODE_SEL should be set to 1, selecting the SLEEP_B mode.
In this way, the TX_FIFO can be written in SLEEP.
8.2.1.1
Automatic acknowledgment
The LDC mode can be used together with the automatic acknowledgment. In this case
during a single LDC cycle both the operations of reception and transmission are performed.
In case of TX, the device will wake up every WAKE-UP time and switch to RX for the
RX_TIMEOUT set waiting for an ack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com