Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 63 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 63 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 59Page - STMicroelectronics S2-LPQTR Datasheet HTML 60Page - STMicroelectronics S2-LPQTR Datasheet HTML 61Page - STMicroelectronics S2-LPQTR Datasheet HTML 62Page - STMicroelectronics S2-LPQTR Datasheet HTML 63Page - STMicroelectronics S2-LPQTR Datasheet HTML 64Page - STMicroelectronics S2-LPQTR Datasheet HTML 65Page - STMicroelectronics S2-LPQTR Datasheet HTML 66Page - STMicroelectronics S2-LPQTR Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
S2-LP
Link layer protocol
DocID029944 Rev 1
63/90
Figure 12: Automatic retransmission scenario
8.2
Timeout protocol engine
The S2-LP provides programmable timers to reach the lowest low power consumption
while at the same time keeping an efficient communication link.
Table 55: Timer description and duration (the values are related to fdig of 26 MHz)
Timer
name
Description
fsource
Time
step
[µs]
Max time
Formula
RX
timer
Once is
expired the
reception
ends.
����������������
1210
~46
~3s
1
����������������������������
∗ ((������������������������������������ + 1) ∗ ���������������������������� − 1)
PRESCALER : register 0x47
COUNTER: register 0x46
LDC
timer(1)
Set the wake
up period
during LDC
operations
����������������,
����������������
2
,
����������������
4
,
����������������
8
~29
~58
~116
~232
~2s
~4s
~8s
~16s
1
����������������������������
∗ (������������������������������������ + 1) ∗ (���������������������������� + 1)
PRESCALER : register 0x48, 0x4A
COUNTER: register 0x49, 0x4B
Sniff
timer
RSSI settling
time before
valid carrier
sense
����������������
242��������������������_����
1 µs -
473 µs
235 µs -
120 ms
1
����������������������������
∗ ����������������_��������_��������������������
FAST_RX_TIMER : register 0x54
Notes:
(1)The LDC timer can be scaled by 1, 2, 4 or 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com