Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 33 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 29Page - STMicroelectronics S2-LPQTR Datasheet HTML 30Page - STMicroelectronics S2-LPQTR Datasheet HTML 31Page - STMicroelectronics S2-LPQTR Datasheet HTML 32Page - STMicroelectronics S2-LPQTR Datasheet HTML 33Page - STMicroelectronics S2-LPQTR Datasheet HTML 34Page - STMicroelectronics S2-LPQTR Datasheet HTML 35Page - STMicroelectronics S2-LPQTR Datasheet HTML 36Page - STMicroelectronics S2-LPQTR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 90 page
background image
S2-LP
Block description
DocID029944 Rev 1
33/90
5.4.1.2
ISI cancellation 4-(G)FSK
Since the 4-(G)FSK modulation format strongly suffers from the effect of inter symbol
interference, an ISI cancellation equalizer has been introduced in the demodulator. An
equalizer can be enabled, by using the EQU_CTRL register, with two modes: single pass
equalization and dual pass equalization. Best performances are normally achieved using
the dual pass equalizer.
5.4.2
Amplitude modulation
Amplitude modulation OOK and ASK are both supported by the S2-LP. The ASK selection
depends on power ramping enable.
When OOK is selected, a bit '1' is transmitted with a programmed power, set by register
PA_POWER[PA_LEVEL_MAX_INDEX], and a bit '0' is transmitted with the lowest power
programmed, normally set no output power (PA off) and specified by the register
PA_POWER[0].
In case PA_POWER[0] = 0 then the modulation will be OOK, otherwise when
PA_POWER[0] is not set to zero the modulation will be ASK. The 0/1 mapping can be
reversed by setting the CONST_MAP register to any value other than zero.
When ASK is selected, a bit '1' is transmitted with a power ramp increasing from the
minimum value specified by register PA_POWER[0] to specified PA maximum level in
register PA_POWER[PA_LEVEL_MAX_INDEX], vice versa for a bit '0'. The duration of
each power step is a multiple of 1/8 of the symbol time, configurable with the register
PA_RAMP_STEP_WIDTH. If more '1's are transmitted consecutively, the PA power
maintains the output power at the programmed value. If more '0's are transmitted
consecutively, the PA power remains at minimum power for all '0's following the first one.
In order to improve the spectral emission mask is ASK a digital interpolation optional
features have been implemented. When this feature is enabled, thought the register
PA_INTERP_EN, the modulator linearly interpolates the power values specified in the
PA_POWER registers before being applied to the PA.
The interpolation factor of each ramp step is 64 time the data rate corresponding to
DATA_RATE_E < 5 it is automatically scaled as 64/2(DATA_RATE_E-5)
for 5 ≤ DATA_RATE_E <
11 and it is automatically disabled for DATA_RATE_E=11.
Note that the number of clock cycles between successive PA ticks, for DATA_RATE_E≥5,
is always between 8 and 4 (8 for DATA_RATE_M=0; 4 for DATA_RATE_M=65535).
OOK/ASK demodulation is controlled by the OOK_PEAK_DECAY parameter in the
RSSI_FLT register.
5.4.2.1
OOK smoothing
The OOK can be smoothed using a FIR filter added in the data path. This feature is
activated by setting the FIR_EN bit at 1 inside register PA_CONFIG1.
The FIR filter is not fully customizable but it can be set in 3 different configurations that
change the spectrum shape (and thus the bandwidth):
filter: it is the proper FIR filtering function of the stream of bits 8 times oversampled;
ramp: the FIR filter is optimized to perform a ramping between PA_POWER_MAX and
PA_POWER_0 (for OOK should be set to 0).
switch: logic 1s and 0s are associated with a single value of power and no transition
between the 2 is envisaged.
When the FIR_EN bit is 1, the DIG_SMOOTH_EN (PA_POWER_0 register) must be set to
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com