Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 78 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 78 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 74Page - STMicroelectronics S2-LPQTR Datasheet HTML 75Page - STMicroelectronics S2-LPQTR Datasheet HTML 76Page - STMicroelectronics S2-LPQTR Datasheet HTML 77Page - STMicroelectronics S2-LPQTR Datasheet HTML 78Page - STMicroelectronics S2-LPQTR Datasheet HTML 79Page - STMicroelectronics S2-LPQTR Datasheet HTML 80Page - STMicroelectronics S2-LPQTR Datasheet HTML 81Page - STMicroelectronics S2-LPQTR Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
Register contents
S2-LP
78/90
DocID029944 Rev 1
Name
Addr
Default
Bit
Field name
Description
AGCCTRL4
1A
54
7:4
LOW_THRESHOLD_0
Low threshold 0 for the AGC
3:0
LOW_THRESHOLD_1
Low threshold 0 for the AGC
AGCCTRL3
1B
10
7:0
LOW_THRESHOLD_SEL
Low threshold selection (defined in the AGCCTRL4).
Bitmask for each attenuation step.
AGCCTRL2
1C
22
7:6
RESERVED
-
5
FREEZE_ON_SYNC
Enable the AGC algorithm to be frozen on SYNC
4
RESERVED
-
3:0
MEAS_TIME
AGC measurement time
AGCCTRL1
1D
59
7:4
HIGH_THRESHOLD
High threshold for the AGC
3:0
RESERVED
-
AGCCTRL0
1E
8C
7
AGC_ENABLE
0: disabled
1: enabled
6
RESERVED
-
5:0
HOLD_TIME
Hold time for after gain adjustment for the AGC.
ANT_SELECT_CONF
1F
45
7
RESERVED
-
6:5
EQU_CTRL
ISI cancellation equalizer:
00b: equalization disabled
01b: single pass equalization
10b: dual pass equalization.
(see Section 5.4.1.2)
4
CS_BLANKING
Do not fill the RX FIFO with data if the CS is above
threshold (see Section 5.5.9).
3
AS_ENABLE
1: enable the antenna switching (see Section 5.5.10).
2:0
AS_MEAS_TIME
Set the measurement time.
CLOCKREC2
20
C0
7:5
CLK_REC_P_GAIN_SLOW
Clock recovery slow loop gain (log2).
4
CLK_REC_ALGO_SEL
Select the symbol timing recovery algorithm:
0: DLL
1: PLL.
3:0
CLK_REC_I_GAIN_SLOW
Set the integral slow gain for symbol timing recovery
(PLL mode only).
CLOCKREC1
21
58
7:5
CLK_REC_P_GAIN_FAST
Clock recovery fast loop gain (log2).
4
PSTFLT_LEN
Select the post filter length:
0: 8 symbols
1: 16 symbols.
3:0
CLK_REC_I_GAIN_FAST
Set the integral fast gain for symbol timing recovery
(PLL mode only).
PCKTCTRL6
2B
80
7:2
SYNC_LEN
The number of bits used for the SYNC field in the
packet.
1:0
PREAMBLE_LEN[9:8]
The MSB of the number of '01 or '10' of the preamble
of the packet.
PCKTCTRL5
2C
10
7:0
PREAMBLE_LEN[7:0]
The LSB of the number of '01 or '10' of the preamble
of the packet.
PCKTCTRL4
2D
00
7
LEN_WID
The number of bytes used for the length field:
0: 1 byte
1: 2 bytes.
6:4
RESERVED
-
3
ADDRESS_LEN
1: include the ADDRESS field in the packet.
2:0
RESERVED
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com