Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 50 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 46Page - STMicroelectronics S2-LPQTR Datasheet HTML 47Page - STMicroelectronics S2-LPQTR Datasheet HTML 48Page - STMicroelectronics S2-LPQTR Datasheet HTML 49Page - STMicroelectronics S2-LPQTR Datasheet HTML 50Page - STMicroelectronics S2-LPQTR Datasheet HTML 51Page - STMicroelectronics S2-LPQTR Datasheet HTML 52Page - STMicroelectronics S2-LPQTR Datasheet HTML 53Page - STMicroelectronics S2-LPQTR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 90 page
background image
Operating modes
S2-LP
50/90
DocID029944 Rev 1
Command
code
Command name
State for
execution
Description
0x72
FLUSHTXFIFO
All
Clean the TX FIFO
0x73
SEQUENCE_UPDA
TE
ANY
Reload the packet sequence counter
with the value stored in register
6.2
State transaction response time
Table 47: Response time
Initial state
Final state
Response time [µs]
SHUTDOWN
READY
500
READY
STANDBY/ SLEEP
0.3
READY
LOCK with no VCO calibration
65
READY
LOCK with VCO calibration
53
RX/TX
READY
1
STANDBY/SLEEP
READY
32
The transition time enables the S2-LP for frequency hopping operation due to its
reduced response time and very quick programming synthesizer. The response
time depends on frequency of the clock in digital domain, from 24 MHz to 26 MHz.
6.3
Sleep states
S2-LP provides 2 SLEEP states:
SLEEP without FIFO retention (SLEEP_A): in this low power state, the device keeps
all the register values but not the TX and RX FIFOs. This is the device default SLEEP
state.
SLEEP with FIFO retention (SLEEP_B): in this low power state, the device keeps the
content of the registers and the two FIFOs.
The responsibility of the SLEEP type to be used is demanded to the user. To select the
SLEEP mode, the bit SLEEP_MODE_SEL (register 0x79) can be used. If this bit is set to 0,
SLEEP_A will be used each time the device will enter in SLEEP (by SPI command, LDC
flow or CSMA in non-persistent mode). If it is 1, SLEEP_B will be used instead.
The usage of SLEEP_B mode is mandatory in the configuration like CSMA and LDC in Tx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com