Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 15Page - STMicroelectronics S2-LPQTR Datasheet HTML 16Page - STMicroelectronics S2-LPQTR Datasheet HTML 17Page - STMicroelectronics S2-LPQTR Datasheet HTML 18Page - STMicroelectronics S2-LPQTR Datasheet HTML 19Page - STMicroelectronics S2-LPQTR Datasheet HTML 20Page - STMicroelectronics S2-LPQTR Datasheet HTML 21Page - STMicroelectronics S2-LPQTR Datasheet HTML 22Page - STMicroelectronics S2-LPQTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
S2-LP
Specifications
DocID029944 Rev 1
19/90
In order to avoid potential RF performance degradations, the crystal frequency should be
chosen to satisfy the following equation:
���������������� − ROUND (����
������������
������������
) ������������ ≥ 1MHz
where n is an integer in the set [1-
7, B] (B is the synthesizer’s divider ratio).
Table 15: Crystal oscillator characteristics
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Crystal frequency
24
26
MHz
48
52
Frequency tolerance(1)
± 40
ppm
Minimum requirement
on external reference
phase noise mask
(
������������ = 26MHz), to
avoid degradation on
synthesizer
phase/noise
10 kHz
-135
dBc/Hz
100 kHz
-140
1 MHz
-140
10 MHz
-140
Programmable trans-
conductance of the
oscillator at start-up
13 -43
mS
Startup time(2)
VBAT=1.8 V, <
������������ = 26MHz
200
µs
Notes:
(1)Including initial tolerance, crystal loading, aging, and temperature dependence. The acceptable crystal tolerance
depends on RF frequency and channel spacing/bandwidth.
(2)Startup times are crystal dependent. The crystal oscillator trans-conductance can be tuned to compensate the
variation of crystal oscillator series resistance
Table 16: Ultra-low power RC oscillator
Parameter
Test conditions
Typ.
Unit
Calibrated frequency
Calibrated RC oscillator frequency is derived from
crystal oscillator frequency.
33.3(1)
kHz
Frequency accuracy after
calibration
±1
%
Notes:
(1)Depending on the crystal frequency, the reported value is referring to 50MHz.
4.8
RF receiver
Characteristics measured over recommended operating conditions unless otherwise
specified. All typical values are referred to 25 °C temperature, VBAT = 3.0 V, no frequency
offset in the RX signal. All performance is referred to a 50 Ω antenna connector, via the
reference design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com