Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 31 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 27Page - STMicroelectronics S2-LPQTR Datasheet HTML 28Page - STMicroelectronics S2-LPQTR Datasheet HTML 29Page - STMicroelectronics S2-LPQTR Datasheet HTML 30Page - STMicroelectronics S2-LPQTR Datasheet HTML 31Page - STMicroelectronics S2-LPQTR Datasheet HTML 32Page - STMicroelectronics S2-LPQTR Datasheet HTML 33Page - STMicroelectronics S2-LPQTR Datasheet HTML 34Page - STMicroelectronics S2-LPQTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
S2-LP
Block description
DocID029944 Rev 1
31/90
Table 36: Channel spacing resolution
fxo [MHz]
Channel spacing resolution [Hz]
24
732.42
25
762.94
26
793.45
48
1464.84
50
1525.88
52
1586.91
5.4
Digital modulator
The S2-LP supports frequency modulation: 2-FSK, 4-FSK, 2-GFSK, 4-GFSK as well
amplitude modulation OOK and ASK. Using register, the user can also program an
unmodulated carrier for lab test and measurement. A special mode, Direct Polar
Modulation, allows building specific modulation scheme controlling directly the amplitude
and the frequency of the carrier synthesized. The register MOD_TYPE is used to select
one of the following modulation scheme.
Table 37: Modulation scheme
MOD_TYPE
Modulation scheme
000b
2-FSK
001b
4-FSK
010b
2-GFSK
011b
4-GFSK
101b
ASK/OOK
110b
Direct Polar (TX)
111b
CW
5.4.1
Frequency modulation
For frequency modulation 2-(G)FSK and 4-(G)FSK the frequency deviation can be tuned in
wide range that depends on
������������ (XTAL frequency) according the following formula:
Equation 7
– Frequency deviation
���������������� =
{
������������
219
·
��������������������(���� · �������������������� · ���� 8
⁄ )
���� · ����
������������������������_���� = 0
������������
219
·
��������������������(���� · (256 + ����������������_����) · 2(��������������������−1) · ���� 8
⁄ )
���� · ����
������������������������_���� > 0
Where
������������ is the XTAL oscillation frequency, D is the reference divider and B is the band
selector.
The frequency deviation programmed corresponds to the deviation of the outer
constellation symbols. The deviation of the inner symbols is 1/3 of such programmed
values as reported in where 4 options are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com