Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 3Page - STMicroelectronics S2-LPQTR Datasheet HTML 4Page - STMicroelectronics S2-LPQTR Datasheet HTML 5Page - STMicroelectronics S2-LPQTR Datasheet HTML 6Page - STMicroelectronics S2-LPQTR Datasheet HTML 7Page - STMicroelectronics S2-LPQTR Datasheet HTML 8Page - STMicroelectronics S2-LPQTR Datasheet HTML 9Page - STMicroelectronics S2-LPQTR Datasheet HTML 10Page - STMicroelectronics S2-LPQTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
S2-LP
List of figures
DocID029944 Rev 1
7/90
List of figures
Figure 1: Simplified S2-LP block diagram.................................................................................................10
Figure 2: Suggested application diagram (embedded SMPS used) ........................................................11
Figure 3: Suggested application diagram (embedded SMPS not used) ..................................................12
Figure 4: Pin diagram, 4 mm x 4 mm QFN24 package ............................................................................13
Figure 5: Power on reset timing and limits................................................................................................28
Figure 6: Direct polar mode ......................................................................................................................35
Figure 7: Output power ramping configuration .........................................................................................44
Figure 8: Threshold in FIFO......................................................................................................................45
Figure 9: State diagram ............................................................................................................................48
Figure 10: data whitening scheme............................................................................................................59
Figure 11: data whitening scheme 802.15.4g...........................................................................................60
Figure 12: Automatic retransmission scenario .........................................................................................63
Figure 13: Common RX operation ............................................................................................................64
Figure 14: LDC RX operation ...................................................................................................................64
Figure 15: LDC in TX with auto-ack..........................................................................................................66
Figure 16: LDC in RX with auto-ack .........................................................................................................66
Figure 17: Fast RX termination mode with LDC .......................................................................................67
Figure 18: Fast Rx termination: CS detection...........................................................................................67
Figure 19: Flowchart of the S2-LP CSMA procedure ...............................................................................68
Figure 20: CSMA if channel is free (timeline) ...........................................................................................69
Figure 21: CSMA with persistent mode if channel is busy (timeline) .......................................................70
Figure 22: CSMA with non-persistent mode if channel is busy (timeline) ................................................70
Figure 23: CSMA with non-persistent mode if channel becomes free (timeline)......................................70
Figure 24: SPI write sequence..................................................................................................................71
Figure 25: SPI read sequence ..................................................................................................................72
Figure 26: SPI command sequence .........................................................................................................72
Figure 27: QFN24L (4x4 mm) package outline ........................................................................................87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com