Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 57 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 57 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 53Page - STMicroelectronics S2-LPQTR Datasheet HTML 54Page - STMicroelectronics S2-LPQTR Datasheet HTML 55Page - STMicroelectronics S2-LPQTR Datasheet HTML 56Page - STMicroelectronics S2-LPQTR Datasheet HTML 57Page - STMicroelectronics S2-LPQTR Datasheet HTML 58Page - STMicroelectronics S2-LPQTR Datasheet HTML 59Page - STMicroelectronics S2-LPQTR Datasheet HTML 60Page - STMicroelectronics S2-LPQTR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
S2-LP
Packet handler engine
DocID029944 Rev 1
57/90
The automatic filtering can be programmed to discard packet below certain threshold
settings. These kind of filtering are general purpose and can be used with any packet
format.
Carrier Sense: The carrier sense (CS) functionality detects if any signal is being
received, the detection is based on the measured RSSI value. There are 2 operational
modes for carrier sensing: static and dynamic. In static CS mode, the CS is high when
the measured RSSI is above the RSSI threshold specified and is low when the RSSI
is 3 dB below the threshold. In dynamic CS mode, the CS is high if the signal is above
the threshold and a fast power increase of 6, 12, or 18 dB is detected. The CS is also
used internally for the demodulator to start the AFC and timing recovery algorithms
and for the CSMA procedure (only static CS mode).
PQI: It is possible to set a PQI threshold in such a way that, if PQI is below the
threshold, the packet demodulation is automatically aborted.
SQI: It is possible to set a SQI threshold in such a way that, if SQI is below the
threshold, the packet demodulation is automatically aborted. When the SQI threshold
is set at 0, a perfect match is required. It is recommended mandatory to always enable
the SQI check.
7.8
Data coding and integrity check
7.8.1
FEC
The device provides hardware support for error correction and detection.
Error correction can be either enabled or disabled according to link reliability and power
consumption needs.
Convolution coding (rate 1/2) and interleaving (FEC) can optionally be applied to the data.
FEC can be enabled by setting the FEC_EN register. When FEC is enabled the number of
transmitted bits is roughly doubled hence the on-air packet duration in time is roughly
double as well. The data rate specified in section always applies to the on-air transmitted
data.
FEC is applied to all the fields of BASIC and STack packet format, except Preamble, Sync
and Postamble. While is applied to all the fields except Preamble and Sync for the
802.15.4g packet format.
For the 802.15.4g packet format, two different coding schemes can be selected depending
on the setting of the FEC_TYPE_4G register. In particular if FEC_TYPE_4G = 0 then the
NRNSC encoder is selected, otherwise the RSC one is selected. Please note that the
NRNSC encoder for 802.15.4g is the same as the one used in Basic and STack formats
with logical inversion of the output symbols.
When FEC is enabled then the transmitter automatically selects the secondary SYNC
word. On receiver side, a FEC coded frame is recognized by the reception of such
secondary SYNC word and FEC is automatically activated independently of the setting of
the FEC_EN register.
Use of FEC coding is exclusive with Manchester and Three-out-of-six coding.
7.8.1.1
Interleaving
In order to improve the effectiveness of convolutional encoding, matrix interleaving is
applied to the encoded data at the output of the convolutional encoder.
The symbols from the output of the encoder are written raw-wise into a 4x4 matrix buffer
starting from the upper-left cell and read column-wise starting from the lower-right cell.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com