Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 32Page - STMicroelectronics S2-LPQTR Datasheet HTML 33Page - STMicroelectronics S2-LPQTR Datasheet HTML 34Page - STMicroelectronics S2-LPQTR Datasheet HTML 35Page - STMicroelectronics S2-LPQTR Datasheet HTML 36Page - STMicroelectronics S2-LPQTR Datasheet HTML 37Page - STMicroelectronics S2-LPQTR Datasheet HTML 38Page - STMicroelectronics S2-LPQTR Datasheet HTML 39Page - STMicroelectronics S2-LPQTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 90 page
background image
Block description
S2-LP
36/90
DocID029944 Rev 1
�������������������������������� =
{
���������������� ·
��������������������������������_����
232
����������������������������������������_���� = 0
���������������� ·
(216 + ��������������������������������_����) ∙ 2��������������������������������_����
233
����������������������������������������_���� > 0
����������������
8 ∙ ��������������������������������_����
����������������������������������������_���� = 15
where
���������������� is the digital clock frequency.
In the cases where DATARATE_E<15, the actual modulator timing is generated by a
fractional clock divider hence is affected by a certain amount of jitter. In order to have a
jitter free data rate generation a specific mode the last equation must be used,
DATARATE_E = 15 (only for transmission).
5.5
Receiver
The S2-LP contains a low-power low-IF receiver able to amplify the input signal and
provide it to the ADC with a proper signal to noise ratio. The RF antenna signal is
converted to a differential one by an external balun, which performs an impedance
transformation also. The receiver gain can be programmed to accommodate the ADC input
signal within its dynamic range. After the down-conversion at IF, a first order filter is
implemented to attenuate the out-of-band blockers.
5.5.1
Automatic frequency compensation
The Automatic Frequency Compensation (AFC for short) algorithm allows compensating,
within certain limits, a relative frequency error between the transmitting device and the
receiving one caused by for example from crystal inaccuracies.
The AFC algorithm is operational only for frequency modulation such as 2-(G)FSK and 4-
(G)FSK.
Due to the demodulation algorithm employed, any frequency error results in a DC offset in
the demodulated signal before slicing.
The basic operating principle of the AFC is that the minimum and maximum signal
frequencies are detected and a correction is calculated to remove the aforementioned
offset.
Such correction is either applied at the slicer level in the form of offset compensation
(default mode) or, optionally, is used to adjust the second IF conversion stage frequency.
The former mode allows a quick recovery of the frequency error but does not prevent part
of the received signal power to be cut by the channel filter; the latter mode adjusts the
signal frequency before entering the channel filter thus avoiding power loss but requires a
longer period to settle. The first mode is recommended for normal operation.
The AFC also provides the estimated frequency error through the AFC_CORR register. If
the frequency error is known to be constant (for example communication always occurs
between the same pair of devices), this value can directly be used to correct the
programmed center frequency.
In order to guarantee both fast lock and smooth tracking, the AFC has a fast mode and a
slow mode. The AFC will start in fast mode as soon as the RSSI threshold is passed and
will switch to the slow mode after a programmable period.
The AFC is controlled by the following parameters:
RSSI threshold: this parameter sets the minimum signal power above which the AFC
algorithm is started (RSSI_TH register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com