Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 34Page - STMicroelectronics S2-LPQTR Datasheet HTML 35Page - STMicroelectronics S2-LPQTR Datasheet HTML 36Page - STMicroelectronics S2-LPQTR Datasheet HTML 37Page - STMicroelectronics S2-LPQTR Datasheet HTML 38Page - STMicroelectronics S2-LPQTR Datasheet HTML 39Page - STMicroelectronics S2-LPQTR Datasheet HTML 40Page - STMicroelectronics S2-LPQTR Datasheet HTML 41Page - STMicroelectronics S2-LPQTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
Block description
S2-LP
38/90
DocID029944 Rev 1
below the low threshold for all the duration of such period, then the attenuation is
decreased.
The actual time is
�������������������������������� =
12
����������������
∙ 2����������������_���������������� , ranging from about 0.5µs to about 15ms.
For frequency modulation, the measurement time is normally set to a few µs in order to
achieve fast settling of the algorithm.
For amplitude, to avoid an unstable behavior, the measure time must be larger than the
duration of the longest train of ‘0’ symbols expected during the preamble/synchronization
word.
The default value for such parameter is 0x2.
Hold time: this parameter sets a wait time for the algorithm to let the signal level to settle
after a change in the attenuation level.
The actual time is
����������������ℎ������������ =
12
����������������
∙ ����������������_����������������, ranging from about 0.5 µs to about 32 µs.
The recommended setting for such parameter is 0x0C.
AGC enable: enables the AGC algorithm.
Freeze on sync: freeze the AGC level after when the sync word has been received.
5.5.3
Symbol timing recovery
The S2-LP supports two different algorithms for the timing recovery. The selection of the
algorithm is done with the register CLOCK_REC_ALGO_SEL.
If CLOCK_REC_ALGO_SEL = 0, then a simple first order algorithm is used (shortly
referred to as DLL).
If CLOCK_REC_ALGO_SEL = 1, then a second order algorithm is used (shortly
referred to as PLL).
5.5.3.1
DLL mode
The DLL algorithm, being based on a first order loop, is only able to control the delay of the
local bit-timing generator in order to align it to the received bit period. If there is an error
between the actual received bit period and the nominal one, the relative edges will drift
over time and the algorithm will periodically apply a delay correction to recover. Since in
presence of long sequences of zeroes or ones it is not possible to estimate any timing
error, the loop tends to lose lock if the period error is large (greater than 3%).
The convergence speed of the loop is controlled by the CLK_REC_P_GAIN_FAST/SLOW
parameter (KP) in the CLOCKREC1 and CLOCKREC2 registers with a smaller value
yielding a faster loop. Allowed values for KP are from 0 to 7. The optimal values obtained
for all modulations and data rates are KP = 1 or KP = 2.
The setting of the following registers also affects the behavior of the clock recovery
algorithms.
Post-filter length: this parameter controls the length of the demodulator post-filter
(CLOCKREC register). Setting this value to 1B may improve demodulation
performance but requires a slower recovery. The recommended value for such
parameter is 0B.
RSSI threshold: this parameter sets the minimum signal power above which the timing
recovery is started (RSSI_TH register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com