Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 44 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 44 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 40Page - STMicroelectronics S2-LPQTR Datasheet HTML 41Page - STMicroelectronics S2-LPQTR Datasheet HTML 42Page - STMicroelectronics S2-LPQTR Datasheet HTML 43Page - STMicroelectronics S2-LPQTR Datasheet HTML 44Page - STMicroelectronics S2-LPQTR Datasheet HTML 45Page - STMicroelectronics S2-LPQTR Datasheet HTML 46Page - STMicroelectronics S2-LPQTR Datasheet HTML 47Page - STMicroelectronics S2-LPQTR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
Block description
S2-LP
44/90
DocID029944 Rev 1
Figure 7: Output power ramping configuration
5.6.2
Transmitter data modes
Direct modes are primarily intended to completely bypass the automatic packet handler, in
order to give the user maximum flexibility in the choice of frame formats. In specific:
Direct through FIFO mode: the packet is written in TX FIFO. The user build the
packet according to his need including preamble, payload and soon on. The data are
transmitted without any processing.
Direct through GPIO mode: the packet bits are continuously read from one of the
GPIO pins, properly configured, and transmitted without any processing. To allow the
synchronization of an external data source, a data clock signal is also provided on one
of the GPIO pins. Data are sampled by the device on the rising edge of such clock
signal; it is the responsibility of the external data source to provide a stable input at
this edge.
PN9 mode: a pseudo-random binary sequence is generated internally. This mode is
provided for test purposes only.
5.6.3
Data FIFO
In the S2-LP there are two data FIFOs, a TX FIFO for data to be transmitted and an RX
FIFO for the received data both of 128 bytes. The SPI interface is used to read from the RX
FIFO and write to the TX FIFO starting from the address 0xFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com