Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 55 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 51Page - STMicroelectronics S2-LPQTR Datasheet HTML 52Page - STMicroelectronics S2-LPQTR Datasheet HTML 53Page - STMicroelectronics S2-LPQTR Datasheet HTML 54Page - STMicroelectronics S2-LPQTR Datasheet HTML 55Page - STMicroelectronics S2-LPQTR Datasheet HTML 56Page - STMicroelectronics S2-LPQTR Datasheet HTML 57Page - STMicroelectronics S2-LPQTR Datasheet HTML 58Page - STMicroelectronics S2-LPQTR Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
S2-LP
Packet handler engine
DocID029944 Rev 1
55/90
Table 52: PHR frame
Bit string index
0
1-2
3
4
5-15
Bit mapping
MS
R1-R0
FCS
DW
L10-L0
Field name
Mode switch
Reserved
FSC type
Data whitening
Frame length
In particular:
MS is always set to 0b (mode switch not supported).
R1-R0 are always set to 00b
FCS is set to:
0b if CRC mode 3 is selected.
1b if CRC mode 5 is selected.
DW is set to:
0b if whitening is disabled, register WHIT_EN = 0.
1b if whitening is enabled, register WHIT_EN = 1.
L10-L0 are set equal to the 11 bits LSB of the packet length registers set by using the
two registers PCKTLENx (x= 1, 2) as: PCKTLEN1 × 256 + PCKTLEN0. The packet
length is from 0 to 65535 bytes (MHR + MAC Payload + CRC), then LEN_WID = 1b (2
bytes length field transmitted).
Payload: the main data from transmitter with a max length up to 65535 supported by
the embedded automatic packet handler.
CRC: can optionally be calculated on the transmitted data (PHR, MHR + MAC
Payload) and appended at the end of the payload (see Section 7.9: "CRC")
In the 802.5.4g the CRC, named FCS in the standard, is considered part of the PSDU
(PHY payload) hence the packet length, must include the 2 or 4 CRC bytes:
If the packet length programmed in PCKTLEN1 and PCKTLEN0 is L and CRC
mode is 3, then L-2 bytes will be read/written from/to the TX/RX FIFO and
interpreted as MHR + MAC Payload, 2 bytes CRC will automatically be calculated
and inserted at the end of the packet in transmission and stripped in reception.
If the packet length programmed in PCKTLEN1 and PCKTLEN0 is L and CRC
mode is 5, then L-4 bytes will be read/written from/to the TX/RX FIFO and
interpreted as MHR + MAC Payload, 4 bytes CRC will automatically be calculated
and inserted at the end of the packet in transmission and stripped in reception.
If CRC mode is 0, then L bytes will be read/written from/to the TX/RX FIFO and
interpreted as MHR + MAC Payload + MCS. In this case no CRC calculation,
insertion/stripping is done, and it is the responsibility of the MAC layer to process
it.
For CRC mode 3, according to the standard specifications, the CRC output is
complemented to 1 before transmission.
For CRC mode 5, if the payload length is less than 4 bytes then the payload is zero-padded
to reach a minimum length of 4 bytes. The padding bits are only used to compute the CRC
and are not transmitted on-air. The reverse operation is automatically performed on the
receiver.
7.4
UART over the air packet format
Table 53: UART over the air packet format
Preamble
Sync
Payload
0:2046 bits
0:32 bits
0:65535 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com