Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 64 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 60Page - STMicroelectronics S2-LPQTR Datasheet HTML 61Page - STMicroelectronics S2-LPQTR Datasheet HTML 62Page - STMicroelectronics S2-LPQTR Datasheet HTML 63Page - STMicroelectronics S2-LPQTR Datasheet HTML 64Page - STMicroelectronics S2-LPQTR Datasheet HTML 65Page - STMicroelectronics S2-LPQTR Datasheet HTML 66Page - STMicroelectronics S2-LPQTR Datasheet HTML 67Page - STMicroelectronics S2-LPQTR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
Link layer protocol
S2-LP
64/90
DocID029944 Rev 1
8.2.1
Low duty cycle mode
The S2-LP provides an embedded low duty cycle mode (LDC), that allows reducing the
average power consumption during receive operations and to build a synchronized start
network where both transmitter and receiver can go in low power mode periodically to
reduce average power consumption.
The LDC mode is controlled essentially by the LDC timer, which periodically wakes up the
S2-LP to perform a transmission or a reception.
In reception mode, it is also relevant to set up the RX timer in order to minimize the amount
of time the S2-LP waits for a packet. The RX timer defines the RX windows within a valid
SYNC word should be detected.
As shown in Figure 13: "Common RX operation", a common receiver usually stays in RX
state for long time waiting of the TX packet.
Figure 13: Common RX operation
Using the LDC mode, the S2-LP will wake up periodically saving a lot of power.
Figure 14: LDC RX operation
If synchronization between transmitter and receiver is required, a programmable timer
value can be reloaded at SYNC word detection by the receiver or by SPI command.
The timer used to wait for the wakeup (TWU) is clocked by the signal generated by the RCO
circuit (or by an external clock from a GPIO pin), and is programmable with the registers
LDC_PRESCALER and LDC_COUNTER. The internal RC oscillator used by the LDC timer
must be calibrated just before the LDC mode is used.
After the wake-up signaling from its internal timer, the S2-LP will switch to RX (TX) state
and an interrupt request will be issued (if enabled and not masked). In order to allow for
analog circuits settling, an idle time TIDLE should be allowed before effective operation: the
effective reception starting time is related to the synchronization with the sender. The idle
time could result longer than the minimum required to get RX circuits settling, and this
cause power wasting. In order to minimize the TIDLE, S2-LP supports the runtime phasing
of the internal wake-up timer, as follows:
For both RX and TX devices, the value of the wake-up timer can be reloaded during
runtime using the LDC_RELOAD command with the values written in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com