Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 80 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 80 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 76Page - STMicroelectronics S2-LPQTR Datasheet HTML 77Page - STMicroelectronics S2-LPQTR Datasheet HTML 78Page - STMicroelectronics S2-LPQTR Datasheet HTML 79Page - STMicroelectronics S2-LPQTR Datasheet HTML 80Page - STMicroelectronics S2-LPQTR Datasheet HTML 81Page - STMicroelectronics S2-LPQTR Datasheet HTML 82Page - STMicroelectronics S2-LPQTR Datasheet HTML 83Page - STMicroelectronics S2-LPQTR Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
Register contents
S2-LP
80/90
DocID029944 Rev 1
Name
Addr
Default
Bit
Field name
Description
SYNC3
33
88
7:0
SYNC3
SYNC word byte 3.
SYNC2
34
88
7:0
SYNC2
SYNC word byte 2.
SYNC1
35
88
7:0
SYNC1
SYNC word byte 1.
SYNC0
36
88
7:0
SYNC0
SYNC word byte 0.
QI
37
01
7:5
SQI_TH
SQI threshold.
4:1
PQI_TH
PQI threshold.
0
SQI_EN
1: enable the SQI check.
PCKT_PSTMBL
38
00
7:0
PCKT_PSTMBL
Set the packet postamble length.
PROTOCOL2
39
40
7
CS_TIMEOUT_MASK
1: enable the CS value contributes to timeout
disabling.
6
SQI_TIMEOUT_MASK
1: enable the SQI value contributes to timeout
disabling.
5
PQI_TIMEOUT_MASK
1: enable the PQI value contributes to timeout
disabling.
4:3
TX_SEQ_NUM_RELOAD
TX sequence number to be used when counting reset
is required using the related command.
2
FIFO_GPIO_OUT_MUX_SEL
1: select the almost empty/full control for TX FIFO.
0: select the almost empty/full control for RX FIFO.
1:0
LDC_TIMER_MULT
Set the LDC timer multiplier factor:
00b: x1
01b: x2
10b: x4
11b: x8.
PROTOCOL1
3A
00
7
LDC_MODE
1: enable the Low Duty Cycle mode.
6
LDC_RELOAD_ON_SYNC
1: enable the LDC timer reload mode.
5
PIGGYBACKING
1: enable the piggybacking.
4
FAST_CS_TERM_EN
1: enable the RX sniff timer.
3
SEED_RELOAD
1: enable the reload of the back-off random generator
seed using the value written in the
BU_COUNTER_SEED.
2
CSMA_ON
1: enable the CSMA channel access mode.
1
CSMA_PERS_ON
1: enable the CSMA persistent mode (no backoff
cycles).
0
AUTO_PCKT_FLT
1: enable the automatic packet filtering control.
PROTOCOL0
3B
08
7:4
NMAX_RETX
Max. number of re-TX (from 0 to 15)(0: re-
transmission is not performed).
3
NACK_TX
1: field NO_ACK=1 on transmitted packet.
2
AUTO_ACK
1: enable the automatic acknowledgment if packet
received request.
1
PERS_RX
1: enable the persistent RX mode.
0
RESERVED
-
FIFO_CONFIG3
3C
30
7
RESERVED
-
6:0
RX_AFTHR
Set the RX FIFO almost full threshold.
FIFO_CONFIG2
3D
30
7
RESERVED
-
6:0
RX_AETHR
Set the RX FIFO almost empty threshold.
FIFO_CONFIG1
3E
30
7
RESERVED
-
6:0
TX_AFTHR
Set the TX FIFO almost full threshold.
FIFO_CONFIG0
3F
30
7
RESERVED
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com