Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S2-LPQTR Datasheet(PDF) 58 Page - STMicroelectronics

Part # S2-LPQTR
Description  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LPQTR Datasheet(HTML) 58 Page - STMicroelectronics

Back Button S2-LPQTR Datasheet HTML 54Page - STMicroelectronics S2-LPQTR Datasheet HTML 55Page - STMicroelectronics S2-LPQTR Datasheet HTML 56Page - STMicroelectronics S2-LPQTR Datasheet HTML 57Page - STMicroelectronics S2-LPQTR Datasheet HTML 58Page - STMicroelectronics S2-LPQTR Datasheet HTML 59Page - STMicroelectronics S2-LPQTR Datasheet HTML 60Page - STMicroelectronics S2-LPQTR Datasheet HTML 61Page - STMicroelectronics S2-LPQTR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 90 page
background image
Packet handler engine
S2-LP
58/90
DocID029944 Rev 1
Each pair of encoded symbols corresponding to one single encoded bit is packet into a
single matrix cell. For each encoded symbols pair so(n) is transmitted first on air, s1(n) is
transmitted second.
Note that interleaving is always enabled together with FEC for the Basic and STack packet
formats while it can be optionally enabled in the case of the 802.15.4g packet format by
setting to ‘1’ the INT_EN_4G register.
7.8.2
Manchester coding
Manchester coding can be enabled for the Basic and STack packet formats only by setting
to ‘1’ the MANCHESTER_EN register.
Use of Manchester coding is exclusive with FEC and Three-out-of-six coding.
When Manchester coding is enabled each bit ‘1’ is actually transmitted on air as a ‘01’
sequence while a bit ‘0’ is transmitted as a ‘10’ sequence. If enabled, Manchester encoding
is applied to all bits following the SYNC word.
7.8.3
3-out-of-6 coding
The 3-out-of-6 coding is a form of block coding that can be enabled for the Basic packet
format for compatibility with the MBUS standard setting to ‘1’ the MBUS_3OF6_EN bit of
PCKTCTRL2. This coding is not expected to be used in other packet formats and is
exclusive with FEC and Manchester coding.
Coding is done according to the table below.
Table 54: 3-out-of-6 coding scheme
NRZ code
NRZ-decimal
6-bit code
6-bit decimal
N. of transitions
0000
0
010110
22
4
0001
1
001101
13
3
0010
2
001110
14
2
0011
3
001011
11
3
0100
4
011100
28
2
0101
5
011001
25
3
0110
6
011010
26
4
0111
7
010011
19
3
1000
8
101100
44
3
1001
9
100101
37
4
1010
10
100110
38
3
1011
11
100011
35
2
1100
12
110100
52
3
1101
13
110001
49
2
1110
14
110010
50
3
1111
15
101001
41
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com