Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 29Page - Advanced Micro Devices AM79C970 Datasheet HTML 30Page - Advanced Micro Devices AM79C970 Datasheet HTML 31Page - Advanced Micro Devices AM79C970 Datasheet HTML 32Page - Advanced Micro Devices AM79C970 Datasheet HTML 33Page - Advanced Micro Devices AM79C970 Datasheet HTML 34Page - Advanced Micro Devices AM79C970 Datasheet HTML 35Page - Advanced Micro Devices AM79C970 Datasheet HTML 36Page - Advanced Micro Devices AM79C970 Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 168 page
background image
AMD
P R E L I M I N A R Y
1-900
Am79C970
Initialization Block DMA Transfers
During execution of the PCnet-PCI controller bus mas-
ter initialization procedure, the PCnet-PCI microcode
will repeatedly request DMA transfers from the BIU.
During each of these initialization block DMA transfers,
the BIU will perform two data transfer cycles (eight
bytes) and then it will relinquish the bus. The two trans-
fers within the mastership period will always be read cy-
cles to ascending contiguous addresses. When
SSIZE32 = 1 (BCR20, bit 8), there are 7 DWORDs to
transfer during the bus master initialization procedure,
so four bus mastership periods are needed in order to
complete the initialization sequence. Note that the last
DWORD transfer of the last bus mastership period of the
initialization sequence accesses an unneeded location.
Data from this transfer is discarded internally. When
SSIZE32 = 0 (BCR20, bit 8), then three bus mastership
periods are needed to complete the initialization
sequence.
18220C-15
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
12345678
IADD
0000
0110
11
10
9
PAR
PAR
PAR
DATA
DATA
0000
0110
PAR
PAR
i
DEVSEL is sampled by the PCnet-PCI controller.
IADD +4
i
Figure 13. Initialization Block Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com