Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 92 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 92 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 88Page - Advanced Micro Devices AM79C970 Datasheet HTML 89Page - Advanced Micro Devices AM79C970 Datasheet HTML 90Page - Advanced Micro Devices AM79C970 Datasheet HTML 91Page - Advanced Micro Devices AM79C970 Datasheet HTML 92Page - Advanced Micro Devices AM79C970 Datasheet HTML 93Page - Advanced Micro Devices AM79C970 Datasheet HTML 94Page - Advanced Micro Devices AM79C970 Datasheet HTML 95Page - Advanced Micro Devices AM79C970 Datasheet HTML 96Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 168 page
background image
P R E L I M I N A R Y
AMD
1-959
Am79C970
writing a 1 to this bit. Also cleared
by H_RESET, S_RESET or by
setting the STOP bit. Writing a 0
has no effect.
When RCVCCO is set,
INTA is
asserted if IENA is ONE and the
mask bit RCVCCOM is ZERO.
When the value 01h has been
programmed into the SWSTYLE
register (BCR20, bits 7–0) for
ILACC (Am79C900) compatibil-
ity, then this bit has no meaning
and PCnet-PCI controller will
never set the value of this bit to
ONE.
4
RCVCCOM
Receive Collision Counter Over-
flow Mask.
If RCVCCOM is set, RCVCCO
will be unable to set INTR in
CSR0.
RCVCCOM is set by H_RESET
or S_RESET and is not affected
by STOP bit.
When the value 01h has been
programmed into the SWSTYLE
register (BCR20, bits 7–0) for
ILACC (Am79C900) compatibil-
ity, then this bit has no meaning
and PCnet-PCI controller will set
the value of this bit to ZERO.
3
TXSTRT
Transmit Start status is set when-
ever PCnet-PCI controller begins
transmission of a frame.
When TXSTRT is set,
INTA is as-
serted if IENA = 1 and the mask
bit TXSTRTM (CSR4 bit 2) is
clear.
TXSTRT is set by the MAC Unit
and cleared by writing a “1”, by
H_RESET, S_RESET or by as-
serting the STOP bit. Writing a
“0” has no effect.
2
TXSTRTM
Transmit
Start
Mask.
If
TXSTRTM is set, the TXSTRT bit
in CSR4 will be masked and un-
able to set INTR flag in CSR0.
Read/Write
accessible.
TXSTRTM is set by H_RESET or
S_RESET and is not affected by
the STOP bit.
1
JAB
Jabber Error is set when the
PCnet-PCI controller Twisted-
pair MAU function exceeds an al-
lowed transmission limit. Jabber
is set by the TMAU cell and can
only be asserted in10BASE-T
mode.
When JAB is set,
INTA is as-
serted if IENA = 1 and the mask
bit JABM (CSR4 bit 0) is clear.
JAB is set by the TMAU circuit
and cleared by writing a “1”. Writ-
ing a “0” has no effect. JAB is also
cleared by H_RESET, S_RESET
or by asserting the STOP bit.
When the value 01h has been
programmed into the SWSTYLE
register (BCR20, bits 7–0) for
ILACC (Am79C900) compatibil-
ity, then this bit has no meaning
and PCnet-PCI controller will
never set the value of this bit to
ONE.
0
JABM
Jabber Error Mask. If JABM is
set, the JAB bit in CSR4 will be
masked and unable to set INTR
flag in CSR0.
Read/Write accessible. JABM is
set by H_RESET or S_RESET
and is not affected by the STOP
bit.
When the value 01h has been
programmed into the SWSTYLE
register (BCR20, bits 7–0) for
ILACC (Am79C900) compatibil-
ity, then this bit has no meaning
and PCnet-PCI controller will set
the value of this bit to ZERO.
CSR6: RX/TX Descriptor Table Length
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–12 TLEN
Contains a copy of the transmit
encoded ring length (TLEN) field
read from the initialization block
during PCnet-PCI controller in-
itialization. This field is written
during the PCnet-PCI controller
initialization routine.
Read
accessible
only
when
STOP bit is set. Write operations
have no effect and should not be
performed. TLEN is only defined
after initialization. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
11–8
RLEN
Contains a copy of the receive
encoded ring length (RLEN) read
from the initialization block dur-
ing PCnet-PCI controller initiali-
zation. This field is written during



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com