Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 52Page - Advanced Micro Devices AM79C970 Datasheet HTML 53Page - Advanced Micro Devices AM79C970 Datasheet HTML 54Page - Advanced Micro Devices AM79C970 Datasheet HTML 55Page - Advanced Micro Devices AM79C970 Datasheet HTML 56Page - Advanced Micro Devices AM79C970 Datasheet HTML 57Page - Advanced Micro Devices AM79C970 Datasheet HTML 58Page - Advanced Micro Devices AM79C970 Datasheet HTML 59Page - Advanced Micro Devices AM79C970 Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 168 page
background image
P R E L I M I N A R Y
AMD
1-923
Am79C970
Transmission is enabled by the controller. As long as the
ITXEN request remains active, the serial output of the
controller will be Manchester encoded and appear at
DO
±. When the internal request is dropped by the con-
troller, the differential transmit outputs go to one of two
idle states, dependent on TSEL in the Mode Register
(CSR15, bit 9):
TSEL LOW:
The idle state of DO
± yields “ZERO”
differential to operate transformer-
coupled loads.
TSEL HIGH: In this idle state, DO+ is positive with
respect to DO– (logical HIGH).
Receiver Path
The principal functions of the Receiver are to signal the
PCnet-PCI controller that there is information on the re-
ceive pair, and separate the incoming Manchester en-
coded data stream into clock and NRZ data.
The Receiver section (see Receiver Block Diagram)
consists of two parallel paths. The receive data path is a
ZERO threshold, wide bandwidth line receiver. The car-
rier path is an offset threshold bandpass detecting line
receiver. Both receivers share common bias networks
to allow operation over a wide input common
mode range.
18220C-26
Noise
Reject
Filter
Data
Receiver
Carrier
Detect
Circuit
Manchester
Decoder
IRXDAT*
ISRDCLK*
IRXCRS*
DI
±
*Internal signal
Figure 24. Receiver Block Diagram
Input Signal Conditioning
Transient noise pulses at the input data stream are re-
jected by the Noise Rejection Filter. Pulse width rejec-
tion is proportional to transmit data rate.
The Carrier Detection circuitry detects the presence of
an incoming data frame by discerning and rejecting
noise from expected Manchester data, and controls the
stop and start of the phase-lock loop during clock acqui-
sition. Clock acquisition requires a valid Manchester bit
pattern of 1010b to lock onto the incoming message.
When input amplitude and pulse width conditions are
met at DI
±, the internal enable signal from the MENDEC
to controller (IRXCRS) is asserted and a clock acquisi-
tion cycle is initiated.
Clock Acquisition
When there is no activity at DI
± (receiver is idle), the re-
ceive oscillator is phase locked to internal transmit
clock. The first negative clock transition (bit cell center of
first valid Manchester “0”) after IRXCRS is asserted in-
terrupts the receive oscillator. The oscillator is then re-
started at the second Manchester “0” (bit time 4) and is
phase locked to it. As a result, the MENDEC acquires
the clock from the incoming Manchester bit pattern in
4 bit times with a 1010b Manchester bit pattern.
ISRDCLK and IRXDAT are enabled 1/4 bit time after
clock acquisition in bit cell 5. IRXDAT is at a HIGH state
when the receiver is idle (no ISRDCLK). IRXDAT how-
ever, is undefined when clock is acquired and may re-
main HIGH or change to LOW state whenever
ISRDCLK is enabled. At 1/4 bit time through bit cell 5,
the controller portion of the PCnet-PCI controller sees
the first ISRDCLK transition. This also strobes in the in-
coming fifth bit to the MENDEC as Manchester “1”.
IRXDAT may make a transition after the ISRDCLK rising
edge in bit cell 5, but its state is still undefined. The
Manchester “1” at bit 5 is clocked to IRXDAT output at
1/4 bit time in bit cell 6.
PLL Tracking
After clock acquisition, the phase-locked clock is com-
pared to the incoming transition at the bit cell center
(BCC) and the resulting phase error is applied to a cor-
rection circuit. This circuit ensures that the phase-
locked clock remains locked on the received signal.
Individual bit cell phase corrections of the Voltage Con-
trolled Oscillator (VCO) are limited to 100% of the phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com