Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 30Page - Advanced Micro Devices AM79C970 Datasheet HTML 31Page - Advanced Micro Devices AM79C970 Datasheet HTML 32Page - Advanced Micro Devices AM79C970 Datasheet HTML 33Page - Advanced Micro Devices AM79C970 Datasheet HTML 34Page - Advanced Micro Devices AM79C970 Datasheet HTML 35Page - Advanced Micro Devices AM79C970 Datasheet HTML 36Page - Advanced Micro Devices AM79C970 Datasheet HTML 37Page - Advanced Micro Devices AM79C970 Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 168 page
background image
P R E L I M I N A R Y
AMD
1-901
Am79C970
Descriptor DMA Transfers
PCnet-PCI microcode will determine when a descriptor
access is required. A descriptor DMA read will consist of
two DWORD (double-word) transfers. A descriptor
DMA write will consist of one or two DWORD transfers.
(The transfers within a descriptor DMA transfer master-
ship period will always be of the same type (either all
read or all write)).
If buffer chaining is used, writes to the descriptors of all
intermediate buffers consist of only one DWORD to
return OWNership of the buffer to the system. On all sin-
gle buffer transmit or receive descriptors, as well as on
the last buffer in chain, writes to the descriptor consist of
two DWORDs. The first DWORD containing status in-
formation. The second DWORD containing additional
status and the OWNership bit (i.e. MD1[31]).
The transfers will be addressed as specified in tables 1
and 2.
Table 1. Bus Master Reads of Descriptors
Address
LANCE/
Address
LANCE/
Sequence
PCnet-ISA
PCnet-PCI
Sequence
PCnet-ISA
PCnet-PCI
AD[7:0]*
Item Accessed
Item Accessed
AD[7:0]*
Item Accessed
Item Accessed
00
MD1[15:0],
MD1[31:24],
04
MD1[15:8],
MD1[31:0]
MD0[15:0]
MD0[23:0]
MD2[15:0]
04
MD3[15:0],
MD2[15:0],
00
MD1[7:0],
MD0[31:0]
MD2[15:0]
MD1[15:0]
MD0[15:0]
Bus Break
Bus Break
16-Bit Software Mode
32-Bit Software Mode
Table 2. Bus Master Writes to Descriptors
Address
LANCE/
Address
LANCE/
Sequence
PCnet-ISA
PCnet-PCI
Sequence
PCnet-ISA
PCnet-PCI
AD[7:0]*
Item Accessed
Item Accessed
AD[7:0]*
Item Accessed
Item Accessed
04
MD3[15:0],
MD2[15:0],
08
MD3[15:0]
MD2[31:0]
MD2[15:0]
MD1[15:0]
00
MD1[15:0],
MD1[31:24],
04
MD1[15:8],
MD1[31:0]
MD0[15:0]
MD0[23:0]
MD2[15:0]
Bus Break
Bus Break
16-Bit Software Mode
32-Bit Software Mode
* Address values for AD[31:08] are constant throughout any single descriptor DMA transfer. AD[1:0] must be set to ZERO in the
descriptor base address.
During descriptor read accesses, the byte enable sig-
nals will indicate that all byte lanes are active. Should
some of the bytes not be needed, then the PCnet-PCI
controller will internally discard the extraneous informa-
tion that was gathered during such a read. During write
accesses, only the bytes which need to be written are
enabled, by activating the corresponding byte en-
able pins.
The only significant differences between descriptor
DMA transfers and initialization DMA transfers are that
the addresses of the accesses follow different ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com