Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 53 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 53 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 49Page - Advanced Micro Devices AM79C970 Datasheet HTML 50Page - Advanced Micro Devices AM79C970 Datasheet HTML 51Page - Advanced Micro Devices AM79C970 Datasheet HTML 52Page - Advanced Micro Devices AM79C970 Datasheet HTML 53Page - Advanced Micro Devices AM79C970 Datasheet HTML 54Page - Advanced Micro Devices AM79C970 Datasheet HTML 55Page - Advanced Micro Devices AM79C970 Datasheet HTML 56Page - Advanced Micro Devices AM79C970 Datasheet HTML 57Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 168 page
background image
AMD
P R E L I M I N A R Y
1-920
Am79C970
The status of each receive message is available in the
appropriate RMD and CSR areas. FCS and Framing er-
rors (FRAM) are reported, although the received frame
is still passed to the host. The FRAM error will only be
reported if an FCS error is detected and there are a non
integral number of bytes in the message. The MAC en-
gine will ignore up to 7 additional bits at the end of a mes-
sage (dribbling bits), which can occur under normal
network operating conditions. The reception of 8 addi-
tional bits will cause the MAC engine to de-serialize the
entire byte, and will result in the received message and
FCS being modified.
The PCnet-PCI controller can handle up to 7 dribbling
bits when a received frame terminates. During the re-
ception, the FCS is generated on every serial bit (includ-
ing the dribbling bits) coming from the cable, although
the internally saved FCS value is only updated on the
eighth bit (on each byte boundary). The framing error is
reported to the user as follows:
If the number of dribbling bits are 1 to 7 and there
is no CRC (FCS) error, then there is no Framing
error (FRAM = 0).
If the number of dribbling bits are 1 to 7 and there
is a CRC (FCS) error, then there is also a Framing
error (FRAM = 1).
If the number of dribbling bits = 0, then there is no
Framing error. There may or may not be a CRC
(FCS) error.
Counters are provided to report the Receive Collision
Count and Runt Packet Count for network statistics and
utilization calculations.
Note that if the MAC engine detects a received frame
which has a 00b pattern in the preamble (after the first 8
bits which are ignored), the entire frame will be ignored.
The MAC engine will wait for the network to go inactive
before attempting to receive additional frames.
Media Access Management
The basic requirement for all stations on the network is
to
provide
fairness
of
channel
allocation.
The
802.3/Ethernet protocols define a media access mecha-
nism which permits all stations to access the channel
with equality. Any node can attempt to contend for the
channel by waiting for a predetermined time (Inter Pack-
et Gap internal) after the last activity, before transmitting
on the media. The channel is a multidrop communica-
tions media (with various topological configurations per-
mitted) which allows a single station to transmit and all
other stations to receive. If two nodes simultaneously
contend for the channel, their signals will interact caus-
ing loss of data, defined as a collision. It is the responsi-
bility of the MAC to attempt to avoid and recover from a
collision, to guarantee data integrity for the end-to-end
transmission to the receiving station.
Medium Allocation
The IEEE/ANSI 802.3 Standard (ISO/IEC 8802-3 1990)
requires that the CSMA/CD MAC monitor the medium
for traffic by watching for carrier activity. When carrier is
detected, the media is considered busy, and the MAC
should defer to the existing message.
The ISO 8802-3 (IEEE/ANSI 802.3) Standard also al-
lows optional two part deferral after a receive message.
See ANSI/IEEE Std 802.3 –1990 Edition, 4.2.3.2.1:
Note: It is possible for the PLS carrier sense indication
to fail to be asserted during a collision on the media. If
the deference process simply times the interFrame gap
based on this indication it is possible for a short inter-
Frame gap to be generated, leading to a potential recep-
tion failure of a subsequent frame. To enhance system
robustness the following optional measures, as speci-
fied
in
4.2.8,
are
recommended
when
Inter-
FrameSpacingPart1 is other than ZERO:
1. Upon completing a transmission, start timing the
interpacket gap, as soon as transmitting and car-
rier Sense are both false.
2. When timing an interFrame gap following recep-
tion, reset the interFrame gap timing if carrier
Sense becomes true during the first 2/3 of the in-
terFrame gap timing interval. During the final 1/3 of
the interval the timer shall not be reset to ensure
fair access to the medium. An initial period shorter
than 2/3 of the interval is permissible including
ZERO.
The MAC engine implements the optional receive two
part deferral algorithm, with a first part inter-frame-spac-
ing time of 6.0
µs. The second part of the inter-frame-
spacing interval is therefore 3.6
µs.
The PCnet-PCI controller will perform the two part de-
ferral algorithm as specified in Section 4.2.8 (Process
Deference). The Inter Packet Gap (IPG) timer will start
timing the 9.6
µs InterFrameSpacing after the receive
carrier is de-asserted. During the first part deferral (In-
terFrameSpacingPart1 – IFS1) the PCnet-PCI control-
ler will defer any pending transmit frame and respond to
the receive message. The IPG counter will be reset to
ZERO continuously until the carrier de-asserts, at which
point the IPG counter will resume the 9.6
µs count once
again. Once the IFS1 period of 6.0
µs has elapsed, the
PCnet-PCI controller will begin timing the second part
deferral (InterFrame Spacing Part 2 – IFS2) of 3.6
µs.
Once IFS1 has completed, and IFS2 has commenced,
the PCnet-PCI controller will not defer to a receive frame
if a transmit frame is pending. This means that the
PCnet-PCI controller will not attempt to receive the re-
ceive frame, since it will start to transmit, and generate a
collision at 9.6
µs. The PCnet-PCI controller will guaran-
tee to complete the preamble (64-bit) and jam (32-bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com