Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 48Page - Advanced Micro Devices AM79C970 Datasheet HTML 49Page - Advanced Micro Devices AM79C970 Datasheet HTML 50Page - Advanced Micro Devices AM79C970 Datasheet HTML 51Page - Advanced Micro Devices AM79C970 Datasheet HTML 52Page - Advanced Micro Devices AM79C970 Datasheet HTML 53Page - Advanced Micro Devices AM79C970 Datasheet HTML 54Page - Advanced Micro Devices AM79C970 Datasheet HTML 55Page - Advanced Micro Devices AM79C970 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 168 page
background image
P R E L I M I N A R Y
AMD
1-919
Am79C970
automatically strip pad bytes from the received mes-
sage by observing the value in the length field, and strip-
ping excess bytes if this value is below the minimum
data size (46 bytes). Both features can be independ-
ently over-ridden to allow illegally short (less than 64
bytes of frame data) messages to be transmitted and/or
received. The use of this feature reduces bus utilization
because the pad bytes are not transferred into or out of
main memory.
Framing (Frame Boundary Delimitation, Frame
Synchronization)
The MAC engine will autonomously handle the con-
struction of the transmit frame. Once the Transmit FIFO
has been filled to the predetermined threshold (set by
XMTSP in CSR80), and providing access to the channel
is currently permitted, the MAC engine will commence
the 7 byte preamble sequence (10101010b, where first
bit transmitted is a 1). The MAC engine will subse-
quently append the Start Frame Delimiter (SFD) byte
(10101011b) followed by the serialized data from the
Transmit FIFO. Once the data has been completed, the
MAC engine will append the FCS (most significant bit
first) which was computed on the entire data portion of
the frame. The data portion of the frame consists of des-
tination address, source address, length/type, and
frame data.
The user is responsible for the correct ordering and con-
tent in each of the fields in the frame.
The receive section of the MAC engine will detect an in-
coming preamble sequence and lock to the encoded
clock. The internal MENDEC will decode the serial bit
stream and present this to the MAC engine. The MAC
will discard the first 8-bits of information before search-
ing for the SFD sequence. Once the SFD is detected, all
subsequent bits are treated as part of the frame. The
MAC engine will inspect the length field to ensure mini-
mum frame size, strip unnecessary pad characters (if
enabled), and pass the remaining bytes through the Re-
ceive FIFO to the host. If pad stripping is performed, the
MAC engine will also strip the received FCS bytes, al-
though the normal FCS computation and checking will
occur. Note that apart from pad stripping, the frame will
be passed unmodified to the host. If the length field has
a value of 46 or greater, the MAC engine will not attempt
to validate the length against the number of bytes con-
tained in the message.
If the frame terminates or suffers a collision before
64-bytes of information (after SFD) have been received,
the MAC engine will automatically delete the frame from
the Receive FIFO, without host intervention. The PCnet-
PCI controller has the ability to accept runt packets for
diagnostics purposes and proprietary networks.
Addressing (Source and Destination Address
Handling)
The first 6-bytes of information after SFD will be inter-
preted as the destination address field. The MAC engine
provides facilities for physical, logical (multicast) and
broadcast address reception.
Error Detection (Physical Medium Transmission
Errors)
The MAC engine provides several facilities which report
and recover from errors on the medium. In addition, the
network is protected from gross errors due to inability of
the host to keep pace with the MAC engine activity.
On completion of transmission, the following transmit
status is available in the appropriate TMD and CSR
areas:
The exact number of transmission retry attempts
(ONE, MORE, RTRY or TRC).
Whether the MAC engine had to Defer (DEF) due
to channel activity.
Excessive deferral (EXDEF), indicating that the
transmitter has experienced Excessive Deferral on
this transmit frame, where Excessive Deferral is
defined in ISO 8802-3 (IEEE/ANSI 802.3).
Loss of Carrier (LCAR), indicating that there was
an interruption in the ability of the MAC engine to
monitor its own transmission. Repeated
LCAR errors indicate a potentially faulty trans-
ceiver or network connection.
Late Collision (LCOL) indicates that the transmis-
sion suffered a collision after the slot time. This
is indicative of a badly configured network. Late
collisions should not occur in a normal operating
network.
Collision Error (CERR) indicates that the trans-
ceiver did not respond with an SQE Test message
within the predetermined time after a transmission
completed. This may be due to a failed transceiver,
disconnected or faulty transceiver drop cable, or
the fact the transceiver does not support this fea-
ture (or it is disabled).
In addition to the reporting of network errors, the MAC
engine will also attempt to prevent the creation of any
network error due to the inability of the host to service
the MAC engine. During transmission, if the host fails to
keep the Transmit FIFO filled sufficiently, causing an un-
derflow, the MAC engine will guarantee the message is
either sent as a runt packet (which will be deleted by the
receiving station) or has an invalid FCS (which will also
cause the receiver to reject the message).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com