Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 93 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 93 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 89Page - Advanced Micro Devices AM79C970 Datasheet HTML 90Page - Advanced Micro Devices AM79C970 Datasheet HTML 91Page - Advanced Micro Devices AM79C970 Datasheet HTML 92Page - Advanced Micro Devices AM79C970 Datasheet HTML 93Page - Advanced Micro Devices AM79C970 Datasheet HTML 94Page - Advanced Micro Devices AM79C970 Datasheet HTML 95Page - Advanced Micro Devices AM79C970 Datasheet HTML 96Page - Advanced Micro Devices AM79C970 Datasheet HTML 97Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 168 page
background image
AMD
P R E L I M I N A R Y
1-960
Am79C970
the PCnet-PCI controller initial-
zation routine.
Read
accessible
only
when
STOP bit is set. Write operations
have no effect and should not be
performed. RLEN is only defined
after initialization. These bits are
unaffected by H_RESET, S_RE-
SET or STOP.
7–0
RES
Reserved locations. Read as
ZERO. Write operations should
not be performed.
CSR8: Logical Address Filter, LADRF[15:0]
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 LADRF[15:0]
Logical
Address
Filter,
LADRF[15:0]. The content of this
register is undefined until loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct I/O write has been per-
formed on this register.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR9: Logical Address Filter LADRF[31:16]
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 LADRF[31:16] Logical
Address
Filter,
LADRF[31:16]. The content of
this register is undefined until
loaded from the initialization
block after the INIT bit in CSR0
has been set or a direct I/O write
has been performed on this
register.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR10: Logical Address Filter, LADRF[47:32]
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 LADRF[47:32] Logical
Address
Filter,
LADRF[47:32]. The content of
this register is undefined until
loaded from the initialization
block after the INIT bit in CSR0
has been set or a direct I/O write
has been performed on this
register.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR11: Logical Address Filter, LADRF[63:48]
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 LADRF[63:48] Logical
Address
Filter,
LADRF[63:48]. The content of
this register is undefined until
loaded from the initialization
block after the INIT bit in CSR0
has been set or a direct I/O write
has been performed on this
register.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR12: Physical Address Register, PADR[15:0]
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 PADR[15:0]
Physical
Address
Register,
PADR[15:0]. The content of this
register is undefined until loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct I/O write has been per-
formed on this register.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR13: Physical Address Register, PADR[31:16]
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 PADR[31:16]
Physical
Address
Register,
PADR[31:16]. The content of this
register is undefined until loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct I/O write has been per-
formed on this register.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com