Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 50Page - Advanced Micro Devices AM79C970 Datasheet HTML 51Page - Advanced Micro Devices AM79C970 Datasheet HTML 52Page - Advanced Micro Devices AM79C970 Datasheet HTML 53Page - Advanced Micro Devices AM79C970 Datasheet HTML 54Page - Advanced Micro Devices AM79C970 Datasheet HTML 55Page - Advanced Micro Devices AM79C970 Datasheet HTML 56Page - Advanced Micro Devices AM79C970 Datasheet HTML 57Page - Advanced Micro Devices AM79C970 Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 168 page
background image
P R E L I M I N A R Y
AMD
1-921
Am79C970
sequence before ceasing transmission and invoking the
random backoff algorithm.
This transmit two part deferral algorithm is implemented
as an option which can be disabled using the DXMT2PD
bit in CSR3. Two part deferral after transmission is use-
ful for ensuring that severe IPG shrinkage cannot occur
in specific circumstances, causing a transmit message
to follow a receive message so closely as to make them
indistinguishable.
During the time period immediately after a transmission
has been completed, the external transceiver (in the
case of a standard AUI connected device), should gen-
erate the SQE Test message (a nominal 10 MHz burst of
5 –15 Bit Times duration) on the CI
± pair (within 0.6 µs –
1.6
µs after the transmission ceases). During the time
period in which the SQE Test message is expected the
PCnet-PCI controller will not respond to receive
carrier sense.
See ANSI/IEEE Std 802.3—1990 Edition, 7.2.4.6 (1):
“At the conclusion of the output function, the DTE opens
a time window during which it expects to see the sig-
nal_quality_error
signal asserted on the Control In cir-
cuit.
The
time
window
begins
when
the
CARRIER_STATUS becomes CARRIER_OFF. If exe-
cution of the output function does not cause CAR-
RIER_ON to occur, no SQE test occurs in the DTE. The
duration of the window shall be at least 4.0
µs but no
more than 8.0
µs. During the time window the Carrier
Sense Function is inhibited.”
The PCnet-PCI controller implements a carrier sense
“blinding” period within 0
µs – 4.0 µs from de-assertion
of carrier sense after transmission. This effectively
means that when transmit two part deferral is enabled
(DXMT2PD is cleared) the IFS1 time is from 4
µs to 6 µs
after a transmission. However, since IPG shrinkage be-
low 4
µs will rarely be encountered on a correctly config-
ured networks, and since the fragment size will be larger
than the 4
µs blinding window, then the IPG counter will
be reset by a worst case IPG shrinkage/fragment sce-
nario and the PCnet-PCI controller will defer its trans-
mission. In addition, the PCnet-PCI controller will not
restart the “blinding” period if carrier is detected within
the 4.0
µs – 6.0 µs IFS1 period, but will commence tim-
ing of the entire IFS1 period.
Contention Resolution (Collision Handling)
Collision detection is performed and reported to the
MAC engine by the integrated Manchester Encoder/De-
coder (MENDEC). If a collision is detected before the
complete preamble/SFD sequence has been transmit-
ted, the MAC Engine will complete the preamble/SFD
before appending the jam sequence. If a collision is de-
tected after the preamble/SFD has been completed, but
prior to 512 bits being transmitted, the MAC Engine will
abort the transmission, and append the jam sequence
immediately. The jam sequence is a 32-bit all Zeros
pattern.
The MAC Engine will attempt to transmit a frame a total
of 16 times (initial attempt plus 15 retries) due to normal
collisions (those within the slot time). Detection of colli-
sion will cause the transmission to be re-scheduled, de-
pendent on the backoff time that the MAC Engine
computes. If a single retry was required, the ONE bit will
be set in the Transmit Frame Status. If more than one
retry was required, the MORE bit will be set. If all 16 at-
tempts experienced collisions, the RTRY bit will be set
(ONE and MORE will be clear), and the transmit mes-
sage will be flushed from the FIFO. If retries have been
disabled by setting the DRTY bit in CSR15, the MAC En-
gine will abandon transmission of the frame on detection
of the first collision. In this case, only the RTRY bit will be
set and the transmit message will be flushed from
the FIFO.
If a collision is detected after 512 bit times have been
transmitted, the collision is termed a late collision. The
MAC Engine will abort the transmission, append the jam
sequence and set the LCOL bit. No retry attempt will be
scheduled on detection of a late collision, and the trans-
mit message will be flushed from the FIFO.
The ISO 8802-3 (IEEE/ANSI 802.3) Standard requires
use of a “truncated binary exponential backoff” algo-
rithm which provides a controlled pseudo random
mechanism to enforce the collision backoff interval, be-
fore re-transmission is attempted.
See ANSI/IEEE Std 802.3—1990 Edition, 4.2.3.2.5:
“At the end of enforcing a collision (jamming), the
CSMA/CD sublayer delays before attempting to re-
transmit the frame. The delay is an integer multiple of
slot Time. The number of slot times to delay before the
nth re-transmission attempt is chosen as a uniformly
distributed random integer r in the range:
0
≤ r <2k
where
k = min (n,10).”
The PCnet-PCI controller provides an alternative algo-
rithm, which suspends the counting of the slot time/IPG
during the time that receive carrier sense is detected.
This aids in networks where large numbers of nodes are
present, and numerous nodes can be in collision. It ef-
fectively accelerates the increase in the backoff time in
busy networks, and allows nodes not involved in the col-
lision to access the channel whilst the colliding nodes
await a reduction in channel activity. Once channel ac-
tivity is reduced, the nodes resolving the collision time
out their slot time counters as normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com