Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 12Page - Advanced Micro Devices AM79C970 Datasheet HTML 13Page - Advanced Micro Devices AM79C970 Datasheet HTML 14Page - Advanced Micro Devices AM79C970 Datasheet HTML 15Page - Advanced Micro Devices AM79C970 Datasheet HTML 16Page - Advanced Micro Devices AM79C970 Datasheet HTML 17Page - Advanced Micro Devices AM79C970 Datasheet HTML 18Page - Advanced Micro Devices AM79C970 Datasheet HTML 19Page - Advanced Micro Devices AM79C970 Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 168 page
background image
P R E L I M I N A R Y
AMD
1-883
Am79C970
INTA
Interrupt Request
Input/Output
An asynchronous attention signal which indicates that
one or more of the following status flags is set: BABL,
MISS, MERR, RINT, IDON, RCVCCO, RPCO, JAB,
MPCO, or TXSTRT. Each status flag has a mask bit
which allows for suppression of
INTA assertion. The
flags have the following meaning:
BABL
Babble
RCVCCO
Receive Collision Count Overflow
RPCO
Runt Packet Count Overflow
JAB
Jabber
MISS
Missed Frame
MERR
Memory Error
MPCO
Missed Packet Count Overflow
RINT
Receive Interrupt
IDON
Initialization Done
TXSTRT
Transmit Start
When
RST is active, INTA is an input for NAND tree
testing.
IRDY
Initiator Ready
Input/Output
This signal indicates PCnet-PCI controllers ability, as a
master device, to complete the current data phase of the
transaction.
IRDY is used in conjunction with the TRDY.
A data phase is completed on any clock when both
IRDY
and
TRDY are asserted. During a write IRDY indicates
that valid data is present on AD[31:00]. During a read
IRDY indicates that data is accepted by the PCnet-PCI
controller as a bus master. Wait states are inserted until
both
IRDY and TRDY are asserted simultaneously.
When
RST is active, IRDY is an input for NAND tree
testing.
LOCK
Lock
Input
LOCK is used by the current bus master to indicate an
atomic operation that may require multiple transfers.
As a slave device, the PCnet-PCI controller can be
locked by any master device. When another master at-
tempts to access the PCnet-PCI while it is locked, the
PCnet-PCI controller will respond by asserting
DEVSEL
and
STOP with TRDY deasserted (PCI retry).
The PCnet-PCI controller will never assert
LOCK as a
master.
When
RST is active, LOCK is an input for NAND tree
testing.
PAR
Parity
Input/Output
Parity
is
even
parity
across
AD[31:00]
and
C/
BE[3:0].When the PCnet-PCI controller is a bus mas-
ter, it generates parity during the address and write data
phases. It checks parity during read data phases. When
the PCnet-PCI controller operates in slave mode and is
the target of the current cycle, it generates parity during
read data phases. It checks parity during address and
write data phases.
When
RST is active, PAR is an input for NAND tree
testing.
PERR
Parity Error
Input/Output
This signal is asserted by the PCnet-PCI controller
when it checks for parity error during any data phase
when its AD[31:00] lines are inputs. The
PERR pin is
only active when PERREN (bit 6) in the PCI command
register is set.
The PCnet-PCI controller monitors the
PERR input dur-
ing a bus master write cycle. It will assert the Data Parity
Reported bit in the Status register of the Configuration
Space when a parity error is reported by the target
device.
When
RST is active, PERR is an input for NAND tree
testing.
REQ
Bus Request
Input/Output
The PCnet-PCI controller asserts
REQ pin as a signal
that it wishes to become a bus master. Once asserted,
REQ remains active until GNT has become active, inde-
pendent of subsequent assertion of
SLEEP or setting of
the STOP bit or access to the S_RESET port (off-
set 14h).
When
RST is active, REQ is an input for NAND tree
testing.
RST
Reset
Input
When
RST is asserted low, then the PCnet-PCI control-
ler performs an internal system reset of the type H_RE-
SET (HARDWARE_RESET).
RST must be held for a
minimum of 30 CLK periods. While in the H_RESET
state, the PCnet-PCI controller will disable or deassert
all outputs.
RST may be asynchronous to the CLK when
asserted or deasserted. It is recommended that the
deassertion be synchronous to guarantee clean and
bounce free edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com