Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 66Page - Advanced Micro Devices AM79C970 Datasheet HTML 67Page - Advanced Micro Devices AM79C970 Datasheet HTML 68Page - Advanced Micro Devices AM79C970 Datasheet HTML 69Page - Advanced Micro Devices AM79C970 Datasheet HTML 70Page - Advanced Micro Devices AM79C970 Datasheet HTML 71Page - Advanced Micro Devices AM79C970 Datasheet HTML 72Page - Advanced Micro Devices AM79C970 Datasheet HTML 73Page - Advanced Micro Devices AM79C970 Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 168 page
background image
P R E L I M I N A R Y
AMD
1-937
Am79C970
Note that accesses to the APROM I/O locations do not
directly access the Address EEPROM itself. Instead,
these accesses are routed to a set of shadow registers
on board the PCnet-PCI controller that are loaded with a
copy of the EEPROM contents during the automatic
read operation that immediately follows the H_RESET
operation.
EEPROM MAP
The automatic EEPROM read operation will access 18
words (i.e. 36 bytes) of the EEPROM. The format of the
EEPROM contents is shown in Table 8, beginning with
the byte that resides at the lowest EEPROM address:
Table 8. EEPROM Contents
EEPROM
WORD
Byte
Byte
Address
Addr.
Most Significant Byte
Addr.
Least Significant Byte
00h
01h
2nd byte of the ISO 8802-3
00h
first byte of the ISO 8802-3
(lowest
(IEEE/ANSI 802.3) station physical
(IEEE/ANSI 802.3) station physical
EEPROM
address for this node
address for this node, where “first byte”
address)
refers to the first byte to appear on the
802.3 medium
01h
03h
4th byte of the node address
02h
3rd byte of the node address
02h
05h
6th byte of the node address
04h
5th byte of the node address
03h
07h
reserved location: must be 00h
06h
reserved location must be 00h
04h
09h
Hardware ID: must be 11h if
08h
reserved location must be 00h
compatibility to AMD drivers is
desired
05h
0Bh
user programmable space
0Ah
user programmable space
06h
0Dh
MSByte of two-byte checksum,
0Ch
LSByte of two-byte checksum, which is the
which is the sum of bytes 00h–0Bh
sum of bytes 00h–0Bh and bytes 0Eh and 0Fh
and bytes 0Eh and 0Fh
07h
0Fh
must be ASCII “W” (57h) if compatibility
0Eh
must be ASCII “W” (57h) if compatibility
to AMD driver software is desired
to AMD driver software is desired
08h
11h
BCR16[15:8] (not used)
10h
BCR16[7:0] (not used)
09h
13h
BCR17[15:8] (not used)
12h
BCR17[7:0] (not used)
0Ah
15h
BCR18[15:8] (Burst Size and Bus Control)
14h
BCR18[7:0] (Burst Size and Bus Control)
0Bh
17h
BCR2[15:8] (Misc. configuration)
16h
BCR2[7:0] (Misc. configuration)
0Ch
19h
BCR21[15:8] (Not Used)
18h
BCR21[7:0] (Not Used)
0Dh
1Bh
reserved location must be 00h
1Ah
reserved location must be 00h
0Eh
1Dh
reserved location must be 00h
1Ch
reserved location must be 00h
0Fh
1Fh
checksum adjust byte for the first 36 bytes
1Eh
reserved location must be 00h
of the EEPROM contents; checksum of the
first 36 bytes of the EEPROM should total
to FFh
10h
21h
reserved location must be 00h
20h
reserved location must be 00h
11h
23h
user programmable byte locations
22h
user programmable byte locations
EEPROM Contents
Note that the first bit out of any WORD location in the
EEPROM is treated as the MSB of the register that is be-
ing programmed. For example, the first bit out of
EEPROM WORD location 08h will be written into
BCR16[15], the second bit out of EEPROM WORD loca-
tion 08h will be written into BCR16[14], etc.
There are two checksum locations within the EEPROM.
The first is required for the EEPROM address. This
checksum will be used by AMD driver software to verify
that the ISO 8802-3 (IEEE/ANSI 802.3) station address
has not been corrupted. The value of bytes 0Ch and 0Dh
should match the sum of bytes 00h through 0Bh and
0Eh and 0Fh. The second checksum location – byte
1Fh – is not a checksum total, but is, instead, a check-
sum adjustment. The value of this byte should be such
that the total checksum for the entire 36 bytes of
EEPROM data equals the value FFh. The checksum ad-
just byte is needed by the PCnet-PCI controller in order
to verify that the EEPROM contents have not been
corrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com