Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 37 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 37 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 33Page - Advanced Micro Devices AM79C970 Datasheet HTML 34Page - Advanced Micro Devices AM79C970 Datasheet HTML 35Page - Advanced Micro Devices AM79C970 Datasheet HTML 36Page - Advanced Micro Devices AM79C970 Datasheet HTML 37Page - Advanced Micro Devices AM79C970 Datasheet HTML 38Page - Advanced Micro Devices AM79C970 Datasheet HTML 39Page - Advanced Micro Devices AM79C970 Datasheet HTML 40Page - Advanced Micro Devices AM79C970 Datasheet HTML 41Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 168 page
background image
AMD
P R E L I M I N A R Y
1-904
Am79C970
FIFO DMA Transfers
PCnet-PCI microcode will determine when a FIFO DMA
transfer is required. This transfer mode will be used for
transfers of data to and from the PCnet-PCI FIFOs.
Once the PCnet-PCI BIU has been granted bus maste-
rship, it will perform a series of consecutive transfer cy-
cles before relinquishing the bus. All transfers within the
master cycle will be either read or write cycles, and all
transfers will be to contiguous, ascending addresses.
Both non-burst and burst cycles are used.
Non-Burst FIFO DMA Transfers
Non-burst FIFO DMA transfers is the default mode the
PCnet-PCI controller uses to read and write data when
accessing the FIFOs. Each non-burst transfer will be
performed sequentially, with the issue of an address,
and the transfer of the corresponding data with appropri-
ate output signals to indicate selection of the active data
bytes during the transfer.
FRAME will be dropped after
every address phase. (See figures 2,3 and 5.) The num-
ber of data transfer cycles contained within a single bus
mastership period is in general dependent on the pro-
gramming of the DMAPLUS option (CSR4, bit 14). Sev-
eral other factors will also affect the length of the bus
mastership period. The possibilities are as follows:
If DMAPLUS = 0, a maximum of 16 transfers will
be performed by default. This default value may be
changed by writing to the DMA Transfer Counter
(CSR80). Note that DMAPLUS = 0 merely sets a
maximum value. The minimum number of transfers
in the bus mastership period will be determined by
all of the following variables: the settings of the
FIFO watermarks and the conditions of the FIFOs,
the value of the DMA Transfer Counter (CSR80),
the value of the DMA Bus Timer (CSR82), and any
occurrence of preemption that takes place during
the bus mastership period.
If DMAPLUS = 1, the bus cycle will continue until
the transmit FIFO is filled to its high threshold
(read transfers) or the receive FIFO is emptied to
its low threshold (write transfers), or until the DMA
Bus Timer value (CSR82) has expired. Other vari-
ables may also affect the end point of the bus ma-
stership period in this mode. Among those
variables are the particular conditions existing
within the FIFOs, receive and transmit status con-
ditions, and bus preemption events.
The FIFO thresholds are programmable (see descrip-
tion of CSR80), as are the DMA Transfer Counter and
Bus Timer values. The exact number of transfer cycles
in the case of DMAPLUS = 1 will be dependent on the
latency of the system bus to the PCnet-PCI controller’s
mastership request and the speed of bus operation, but
will be limited by the value in the Bus Timer register, the
FIFO condition, receive and transmit status, and by
preemption events. Barring a time-out by either of these
registers, or a bus preemption by another mastering de-
vice, or exceptional receive and transmit events, or an
end of packet signal from the FIFO, the FIFO watermark
settings and the extent of Bus Grant latency will be the
major factors determining the number of accesses per-
formed during any given arbitration cycle when
DMAPLUS = 1.
The
TRDY response of the memory device will also af-
fect the number of transfers when DMAPLUS = 1, since
the speed of the accesses will affect the state of the
FIFO. (During accesses, the FIFO may be filling or emp-
tying on the network end. A slower memory response
will allow additional data to accumulate inside of the
FIFO (during write transfers from the receive FIFO). If
the accesses are slow enough, a complete DWORD
may become available before the end of the arbitration
cycle and thereby increase the number of transfers in
that cycle.) The general rule is that the longer the Bus
Grant latency or the slower the bus transfer operations
(or clock speed) or the higher the transmit watermark or
the lower the receive watermark or any combination
thereof the longer will be the average bus mastership
period.
Burst FIFO DMA Transfers
Bursting is only performed by the PCnet-PCI controller if
the BREADE and/or BWRITE bits of BCR18 are set.
These bits individually enable/disable the ability of the
PCnet-PCI controller to perform burst accesses during
master read operations and master write operations, re-
spectively. Only FIFO data transfers will make use of the
burst mode.
The first transfer in the burst will consist of both an ad-
dress and a data phase. Subsequent transfers will con-
tain data only. AD[1:0] will always be ZERO during the
address phase indicating a linear burst order. Note, that
the terms ‘burst’ and ‘linear burst’ are used interchange-
ably throughout this document.
The number of data phases within the burst transfer is
determined by the LINBC value from the BCR18 regis-
ter. The burst upper limit is calculated by taking the
BCR18 LINBC[2:0] value and multiplying it by 4. The re-
sult is the number of transfers that will be performed
within a single linear burst sequence. When the LINBC
upper limit of data transfers have been performed, a
new
FRAME may be asserted (if there is more data to be
transferred), with a new address on the AD pins. Follow-
ing the assertion of a new
FRAME, the linear bursting of
data will resume. All byte lanes will always be active dur-
ing all burst transfers as reflected by the C/
BE[3:0]
signals.
The number of data transfer cycles within the total bus
mastership period is dependent on the programming of
the DMAPLUS option (CSR4, bit 14). The possibilities
are as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com