Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 44Page - Advanced Micro Devices AM79C970 Datasheet HTML 45Page - Advanced Micro Devices AM79C970 Datasheet HTML 46Page - Advanced Micro Devices AM79C970 Datasheet HTML 47Page - Advanced Micro Devices AM79C970 Datasheet HTML 48Page - Advanced Micro Devices AM79C970 Datasheet HTML 49Page - Advanced Micro Devices AM79C970 Datasheet HTML 50Page - Advanced Micro Devices AM79C970 Datasheet HTML 51Page - Advanced Micro Devices AM79C970 Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 168 page
background image
P R E L I M I N A R Y
AMD
1-915
Am79C970
When SSIZE32 = 1, software data structures are 32 bits
wide. The following diagram illustrates, Figure 23, the
relationship between the Initialization Base Address,
the Initialization Block, the Receive and Transmit
Descriptor Ring Base Addresses, the Receive and
Transmit Descriptors and the Receive and Transmit
Data Buffers, for the case of SSIZE32 = 1.
Initialization
Block
32-Bit Base Address
Pointer to
Initialization Block
CSR1
CSR2
Rcv
Buffers
RMD0
RMD1 RMD2 RMD3
Rcv Descriptor
Ring
N
N
N
N
•
•
•
1st desc.
start
2nd desc.
start
RMD0
Xmt
Buffers
RX DESCRIPTOR RINGS
TMD0
TMD1 TMD2 TMD3
RX DESCRIPTOR RINGS
Xmt Descriptor
Ring
M
M
M
M
•
•
•
1st desc.
start
2nd desc.
start
TMD0
Data
Buffer
N
Data
Buffer
1
Data
Buffer
2
Data
Buffer
M
Data
Buffer
2
Data
Buffer
1
PADR[31:0]
IADR[31:16]
IADR[15:0]
TLEN RES
RLEN RES
MODE
PADR[47:32]
RES
LADRF[31:0]
LADRF[63:32]
RDRA[31:0]
TDRA[31:0]
18220C-25
Figure 23
. 32-Bit Data Structures: Initialization Block and Descriptor Rings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com