Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 57Page - Advanced Micro Devices AM79C970 Datasheet HTML 58Page - Advanced Micro Devices AM79C970 Datasheet HTML 59Page - Advanced Micro Devices AM79C970 Datasheet HTML 60Page - Advanced Micro Devices AM79C970 Datasheet HTML 61Page - Advanced Micro Devices AM79C970 Datasheet HTML 62Page - Advanced Micro Devices AM79C970 Datasheet HTML 63Page - Advanced Micro Devices AM79C970 Datasheet HTML 64Page - Advanced Micro Devices AM79C970 Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 168 page
background image
AMD
P R E L I M I N A R Y
1-928
Am79C970
Power Savings Modes
The PCnet-PCI controller supports two hardware power
savings modes. Both are entered by driving the
SLEEP
pin LOW.
The PCI interface section is not effected by
SLEEP. In
particular, access to the PCI configuration space re-
mains possible. None of the configuration registers will
be reset by
SLEEP. All I/O accesses to the PCnet-PCI
controller will result in a PCI target abort response.
The first power saving mode is called coma mode. In
coma mode, the PCnet-PCI controller has no means to
use the network to automatically wake itself up. Coma
mode is enabled when the AWAKE bit in BCR2 is reset.
Coma mode is the default power down mode.
The second power saving mode is called snooze mode.
In snooze mode, enabled by setting the AWAKE bit in
BCR2 and driving the
SLEEP pin LOW, the T-MAU re-
ceive circuitry will remain enabled even while the
SLEEP pin is driven LOW. The LNKST output is the only
one of the LED pins that continues to function. The
LNKSTE bit must be set in BCR4 to enable indication of
a good 10BASE-T link if there are link beat pulses or
valid frames present. This
LNKST pin can be used to
drive an LED and/or external hardware that directly con-
trols the
SLEEP pin of the PCnet-PCI controller. This
configuration effectively wakes the system when there
is any activity on the 10BASE-T link. Snooze mode can
be used only if the T-MAU is the selected network port.
Link beat pulses are not transmitted during snooze
mode.
If the
REQ output is active when the SLEEP pin is as-
serted, then the PCnet-PCI controller will wait until the
GNT input is asserted. Next, the PCnet-PCI controller
will deassert the
REQ pin and finally, it will internally en-
ter either the coma or snooze sleep mode.
Before the sleep mode is invoked, the PCnet-PCI con-
troller
will
perform
an
internal
S_RESET.
This
S_RESET operation will not affect the values of the BCR
registers or the PCI configuration space.
The
SLEEP pin should not be asserted during power
supply ramp-up. If it is desired that
SLEEP be asserted
at power up time, then the system must delay the asser-
tion of
SLEEP until three CLK cycles after the comple-
tion of a valid pin
RST operation.
Software Access
Configuration Registers
The PCnet-PCI controller supports the 64-byte header
portion of the configuration space as predefined by the
PCI specification revision 2.0. None of the device spe-
cific registers in locations 64 – 255 are used. The layout
of the configuration registers in the header region is
shown in the table below. All registers required to iden-
tify the PCnet-PCI controller and its function are imple-
mented. Additional registers are used to setup the
configuration of the PCnet-PCI controller in a system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com