Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 94 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 94 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 90Page - Advanced Micro Devices AM79C970 Datasheet HTML 91Page - Advanced Micro Devices AM79C970 Datasheet HTML 92Page - Advanced Micro Devices AM79C970 Datasheet HTML 93Page - Advanced Micro Devices AM79C970 Datasheet HTML 94Page - Advanced Micro Devices AM79C970 Datasheet HTML 95Page - Advanced Micro Devices AM79C970 Datasheet HTML 96Page - Advanced Micro Devices AM79C970 Datasheet HTML 97Page - Advanced Micro Devices AM79C970 Datasheet HTML 98Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 168 page
background image
P R E L I M I N A R Y
AMD
1-961
Am79C970
CSR14: Physical Address Register, PADR[47:32]
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–0 PADR[47:32]
Physical
Address
Register,
PADR[47:32]. The content of this
register is undefined until loaded
from the initialization block after
the INIT bit in CSR0 has been set
or a direct I/O write has been per-
formed on this register.
Read/write accessible only when
STOP bit is set. These bits are
unaffected
by
H_RESET,
S_RESET or STOP.
CSR15: Mode Register
Bit
Name
Description
This register’s fields are loaded
during the PCnet-PCI controller
initialization routine with the cor-
responding Initialization Block
values or a direct I/O write has
been performed on this register.
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15
PROM
Promiscuous Mode.
When PROM = “1”, all incoming
receive frames are accepted.
Read/write accessible only when
STOP bit is set.
14
DRCVBC
Disable
Receive
Broadcast.
When set, disables the PCnet-
PCI controller from receiving
broadcast messages. Used for
protocols that do not support
broadcast addressing, except as
a function of multicast. DRCVBC
is cleared by activation of H_RE-
SET or S_RESET (broadcast
messages will be received) and
is unaffected by STOP.
Read/write accessible only when
STOP bit is set.
13
DRCVPA
Disable Receive Physical Ad-
dress. When set, the physical ad-
dress detection (Station or node
ID) of the PCnet-PCI controller
will
be
disabled.
Frames
addressed to the nodes individ-
ual physical address will not be
recognized.
Read/write accessible only when
STOP bit is set.
12
DLNKTST
Disable
Link
Status.
When
DLNKTST = “1”, monitoring of
Link Pulses is disabled. When
DLNKTST = “0”, monitoring of
Link Pulses is enabled. This pin
only has meaning when the
10BASE-T network interface is
selected.
Read/write accessible only when
STOP bit is set.
11
DAPC
Disable Automatic Polarity Cor-
rection. When DAPC = “1”, the
10BASE-T receive polarity rever-
sal algorithm is disabled. Like-
wise, when DAPC = “0”, the
polarity reversal algorithm is
enabled.
This bit only has meaning when
the 10BASE-T network interface
is selected.
Read/write accessible only when
STOP bit is set.
10
MENDECL
MENDEC Loopback Mode. See
the description of the LOOP bit in
CSR15.
Read/write accessible only when
STOP bit is set.
9
LRT
Low Receive Threshold (T-MAU
Mode only)
TSEL
Transmit
Mode
Select
(AUI
Mode only)
LRT
Low Receive Threshold. When
LRT = “1”, the internal twisted
pair receive thresholds are re-
duced by 4.5 dB below the stan-
dard
10BASE-T
value
(approximately 3/5) and the un-
squelch threshold for the RXD
circuit will be 180 mV – 312 mV
peak.
When LRT = “0”, the unsquelch
threshold for the RXD circuit will
be
the
standard
10BASE-T
value, 300 – 520 mV peak.
In either case, the RXD circuit
post squelch threshold will be
one
half
of
the
unsquelch
threshold.
This bit only has meaning when
the 10BASE-T network interface
is selected.
Read/write accessible only when
STOP bit is set. Cleared by
H_RESET or S_RESET and is
unaffected by STOP.
TSEL
Transmit Mode Select. TSEL
controls the levels at which the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com