Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 58Page - Advanced Micro Devices AM79C970 Datasheet HTML 59Page - Advanced Micro Devices AM79C970 Datasheet HTML 60Page - Advanced Micro Devices AM79C970 Datasheet HTML 61Page - Advanced Micro Devices AM79C970 Datasheet HTML 62Page - Advanced Micro Devices AM79C970 Datasheet HTML 63Page - Advanced Micro Devices AM79C970 Datasheet HTML 64Page - Advanced Micro Devices AM79C970 Datasheet HTML 65Page - Advanced Micro Devices AM79C970 Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 168 page
background image
P R E L I M I N A R Y
AMD
1-929
Am79C970
Device ID
Vendor ID
00h
Status
Command
04h
Base-Class
Sub-Class
Programming IF
Revision ID
08h
Reserved
Header Type
Latency Timer
Reserved
0Ch
Base Address
10h
Reserved
14h
Reserved
18h
Reserved
1Ch
Reserved
20h
Reserved
24h
Reserved
28h
Reserved
2Ch
Reserved
30h
Reserved
34h
Reserved
38h
Reserved
Reserved
Interrupt Pin
Interrupt Line
3Ch
31
24 23
16 15
8
7
0
Offset
The configuration registers are accessible only by PCI
configuration cycles. They can be accessed right after
the PCnet-PCI controller is powered-on, even if the read
operation of the serial EEPROM is still on-going. All
multi-byte numeric fields follow little endian byte order-
ing. The Command register is the only register cleared
by H_RESET. S_RESET as well as asserting
SLEEP
have no effect on the value of the PCI configuration reg-
isters. All write accesses to Reserved locations have no
effect, reads from these locations will return a data value
of ZERO.
When the PCnet-PCI controller samples its IDSEL input
asserted during a configuration cycle, it will acknowl-
edge the cycle by asserting its
DEVSEL output. The
content of AD[31:00] during the address phase of the
configuration cycles must meet the format as shown
below:
Don’t
Don’t Care
Care
0 0
DWORD Index
0 0
31
11 10
8 7
6 5
2 1 0
AD[1:0] must both be ZEROs, since the PCnet-PCI con-
troller is not a bridge device. It only recognizes configu-
ration cycles of Type 0 (as defined by the PCI
specification revision 2.0). AD[7:2] specify the selected
DWORD in the configuration space. AD[7:6] must both
be ZERO, since the PCnet-PCI controller does not im-
plement any of the device specific registers in locations
64 – 255. Since AD[1:0] and AD[7:6] must all be ZERO,
the lower 8 bits of the address for a configuration cycle
are equal to the offset of the DWORD counting from the
beginning of the PCI configuration space. AD[10:8]
specify one of eight possible functions of a PCI device.
The PCnet-PCI controller is a single function device, as
indicated in the Header Type register of its PCI configu-
ration space (bit 7, FUNCT = 0). Therefore, the PCnet-
PCI controller ignores AD[10:8] during the address
phase of a configuration cycle. AD[31:11] are typically
used to generate the IDSEL signal. The PCnet-PCI con-
troller ignores all upper address bits.
PCI configuration registers can be accessed with 8-bit,
16-bit or 32-bit transfers. The active bytes within a
DWORD are determined by the byte enable signals.
E.G. a read of the Sub-Class register can be performed
by reading from offset 08h with only
BE2 being active.
I/O Resources
PCnet-PCI Controller I/O Resource Mapping
The PCnet-PCI controller has several I/O resources.
These resources use 32 bytes of I/O space that begin at
the PCnet-PCI controller I/O base address.
The PCnet-PCI controller allows two modes of slave ac-
cess. Word I/O mode treats all PCnet-PCI controller I/O
Resources as two-byte entities spaced at two-byte ad-
dress intervals. Double Word I/O mode treats all PCnet-
PCI controller I/O Resources as four-byte entities
spaced at four-byte address intervals. The selection of
WIO or DWIO mode is accomplished by one of
two ways:
H_RESET function.
Automatic determination of DWIO mode due to
DWORD (double-word) I/O write access to offset
10h.
The PCnet-PCI controller I/O mode setting will default to
WIO after H_RESET (i.e. DWIO = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com