Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 79Page - Advanced Micro Devices AM79C970 Datasheet HTML 80Page - Advanced Micro Devices AM79C970 Datasheet HTML 81Page - Advanced Micro Devices AM79C970 Datasheet HTML 82Page - Advanced Micro Devices AM79C970 Datasheet HTML 83Page - Advanced Micro Devices AM79C970 Datasheet HTML 84Page - Advanced Micro Devices AM79C970 Datasheet HTML 85Page - Advanced Micro Devices AM79C970 Datasheet HTML 86Page - Advanced Micro Devices AM79C970 Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 168 page
background image
AMD
P R E L I M I N A R Y
1-950
Am79C970
and the PAR lines for a parity er-
ror at the following times:
In slave mode, during the
address phase of any PCI
bus command.
In slave mode, during the
data phase of all I/O and
Configuration Write
commands that select the
PCnet-PCI controller.
In master mode, during the
data phase of all Memory
Read and Memory Read
Line commands.
During the data phase of the
memory write command, the
PCnet-PCI controller sets the
PERR bit if the target reports a
data parity error by asserting the
PERR signal.
PERR is not effected by the state
of the Parity Error Response en-
able bit (bit 6 in the Control
register).
PERR is set by the PCnet-PCI
controller and cleared by writing
a ONE. Writing a ZERO has no
effect. PERR is not affected by
H_RESET or S_RESET or as-
serting the
SLEEP pin.
14
SERR
Signaled SERR. SERR is set
when the PCnet-PCI controller
detects an address parity error,
and both, SERREN and PER-
REN (bits 8 and 6 of the Com-
mand register) are set.
SERR is set by the PCnet-PCI
controller and cleared by writing
a “1”. Writing a “0” has no effect.
SERR is not affected by H_RE-
SET or S_RESET or asserting
the
SLEEP pin.
13
RMABORT
Received
Master
Abort.
RMABORT is set when the
PCnet-PCI controller terminates
a master cycle with a master
abort sequence.
RMABORT is set by the PCnet-
PCI controller and cleared by
writing a “1”. Writing a “0” has no
effect. RMABORT is not affected
by H_RESET or S_RESET or as-
serting the
SLEEP pin.
12
RTABORT
Received
Target
Abort.
RTABORT is set when a target
terminates a PCnet-PCI master
cycle
with
a
target
abort
sequence.
RTABORT is set by the PCnet-
PCI controller and cleared by
writing a “1”. Writing a “0” has no
effect. RTABORT is not affected
by H_RESET or S_RESET or as-
serting the
SLEEP pin.
11
STABORT
Send Target Abort. STABORT is
set when the PCnet-PCI control-
ler terminates a slave access
with a target abort sequence.
STABORT is set by the PCnet-
PCI controller and cleared by
writing a “1”. Writing a “0” has no
effect. STABORT is not affected
by H_RESET or S_RESET or as-
serting the
SLEEP pin.
10–9 DEVSEL
DEVSEL timing. DEVSEL is set
to 01b (medium), indicating the
PCnet-PCI controller will assert
DEVSEL two CLK periods after
FRAME is asserted.
DEVSEL is read only.
8
DATAPERR
Data
Parity
Error
detected.
DATAPERR is set when the
PCnet-PCI controller detects a
data parity error during master
mode and the Parity Error Re-
sponse enable bit (bit 6 in the
Control register) is set.
During the data phase of all
Memory Read and Memory Read
Line commands, the PCnet-PCI
controller checks for parity error
by sampling the AD[31:00] and
C/
BE[3:0] and the PAR lines.
During the data phase of all
Memory Write commands, the
PCnet-PCI controller checks the
PERR input to detect whether the
target has reported a parity error.
DATAPERR
is
set
by
the
PCnet-PCI
controller
and
cleared by writing a ONE. Writ-
ing a ZERO has no effect.
DATAPERR is not affected by
H_RESET or S_RESET or as-
serting the
SLEEP pin.
7–0
RES
Reserved locations. Read as
ZERO, write operations have no
effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com