Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 81 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 81 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 77Page - Advanced Micro Devices AM79C970 Datasheet HTML 78Page - Advanced Micro Devices AM79C970 Datasheet HTML 79Page - Advanced Micro Devices AM79C970 Datasheet HTML 80Page - Advanced Micro Devices AM79C970 Datasheet HTML 81Page - Advanced Micro Devices AM79C970 Datasheet HTML 82Page - Advanced Micro Devices AM79C970 Datasheet HTML 83Page - Advanced Micro Devices AM79C970 Datasheet HTML 84Page - Advanced Micro Devices AM79C970 Datasheet HTML 85Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 168 page
background image
AMD
P R E L I M I N A R Y
1-948
Am79C970
CSR122
Receiver Packet Alignment Control
BCR2
Misc. configuration
BCR18
Bus Size and Burst Control Register
BCR20
Software Style
Running Registers
The following is a list of those registers that would typi-
cally need to be periodically read and perhaps written
during the normal running operation of the PCnet-PCI
controller within a system. Each of these registers con-
tains control bits or status bits or both.
RAP
Register Address Port Register
CSR0
PCnet-PCI controller Status Register
CSR4
Test and Features Control
CSR112
Missed Frame Count
CSR114
Receive Collision Count
PCI Configuration Registers
The PCnet-PCI controller supports the 64-byte header
portion of the configuration space as defined by the PCI
specification revision 2.0. None of the device specific
registers in locations 64 – 255 are used. The layout of
the configuration registers in the header region is shown
in the table below. All registers required to identify the
PCnet-PCI controller and its function are implemented.
Additional registers are used to setup the configuration
of the PCnet-PCI controller in a system.
The configuration registers are accessible only by PCI
configuration cycles. They can be accessed right after
the PCnet-PCI controller is powered-on, even if the read
operation of the serial EEPROM is still on-going. All
multi-byte numeric fields follow little endian byte order-
ing. The Command register is the only register cleared
by H_RESET. S_RESET as well as asserting
SLEEP
have no effect on the value of the PCI configuration reg-
isters. All write accesses to Reserved locations have no
affect, reads from these locations will return a data value
of ZERO.
Vendor ID (Offset 00h)
The Vendor ID register is a 16-bit register that identifies
the manufacturer of the PCnet-PCI controller. Ad-
vanced Micro Devices, Inc.’s (AMD) Vendor ID is 1022h.
Note that this vendor ID is not the same as the Manufac-
turer ID in CSR88 and CSR89. The vendor ID is as-
signed by the PCI Special Interest Group.
The Vendor ID register is located at offset 00h in the PCI
Configuration Space. It is read only.
Device ID Register (Offset 02h)
The Device ID register is a 16-bit register that uniquely
identifies the PCnet-PCI controller within AMD’s prod-
uct line. The PCnet-PCI Device ID is 2000h. Note that
this Device ID is not the same as the Part number in
CSR88 and CSR89. The Device ID is assigned by Ad-
vanced Micro Devices, Inc.
The Device ID register is located at offset 02h in the PCI
Configuration Space. It is read only.
Device ID
Vendor ID
00h
Status
Command
04h
Base-Class
Sub-Class
Programming IF
Revision ID
08h
Reserved
Header Type
Latency Timer
Reserved
0Ch
Base Address
10h
Reserved
14h
Reserved
18h
Reserved
1Ch
Reserved
20h
Reserved
24h
Reserved
28h
Reserved
2Ch
Reserved
30h
Reserved
34h
Reserved
38h
Reserved
Reserved
Interrupt Pin
Interrupt Line
3Ch
31
24 23
16 15
8
7
0
Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com