Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 70Page - Advanced Micro Devices AM79C970 Datasheet HTML 71Page - Advanced Micro Devices AM79C970 Datasheet HTML 72Page - Advanced Micro Devices AM79C970 Datasheet HTML 73Page - Advanced Micro Devices AM79C970 Datasheet HTML 74Page - Advanced Micro Devices AM79C970 Datasheet HTML 75Page - Advanced Micro Devices AM79C970 Datasheet HTML 76Page - Advanced Micro Devices AM79C970 Datasheet HTML 77Page - Advanced Micro Devices AM79C970 Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 168 page
background image
P R E L I M I N A R Y
AMD
1-941
Am79C970
Note that for some network protocols, the value passed
in the Ethernet Type and/or 802.3 Length field is not
compliant with either standard and may cause
problems.
Figure 28 shows the byte/bit ordering of the received
length field for an 802.3 compatible frame format.
Preamble
1010....1010
Sync
10101011
Destination
Address
Source
Address
Length
LLC
Data
Pad
FCS
4
Bytes
46 — 1500
Bytes
2
Bytes
6
Bytes
6
Bytes
8
Bits
56
Bits
Start of Frame
at Time = 0
Increasing Time
Bit
0
Bit
7
Bit
0
Bit
7
Most
Significant
Byte
Least
Significant
Byte
1 — 1500
Bytes
45 — 0
Bytes
18220C-30
Figure 28. 802.3 Frame and Length Field Transmission Order
Receive FCS Checking
Reception and checking of the received FCS is per-
formed automatically by the PCnet-PCI controller. Note
that if the Automatic Pad Stripping feature is enabled,
the FCS for padded frames will be verified against the
value computed for the incoming bit stream including
pad characters, but the FCS value for a padded frame
will not be passed to the host. If an FCS error is detected
in any frame, the error will be reported in the CRC bit
in RMD1.
Receive Exception Conditions
Exception conditions for frame reception fall into two
distinct categories; those which are the result of normal
network operation, and those which occur due to abnor-
mal network and/or host related events.
Normal events which may occur and which are handled
autonomously by the PCnet-PCI controller are basically
collisions within the slot time and automatic runt packet
rejection. The PCnet-PCI controller will ensure that colli-
sions which occur within 512 bit times from the start of
reception (excluding preamble) will be automatically de-
leted from the receive FIFO with no host intervention.
The receive FIFO will delete any frame which is com-
posed of fewer than 64 bytes provided that the Runt
Packet Accept (RPA bit in CSR124) feature has not
been enabled. This criterion will be met regardless of
whether the receive frame was the first (or only) frame in
the FIFO or if the receive frame was queued behind a
previously received message.
Abnormal network conditions include:
FCS errors
Late Collision
Host related receive exception conditions include MISS,
BUFF, and OFLO. These are described in the BMU
section.
Loopback Operation
Loopback is a mode of operation intended for system di-
agnostics. In this mode, the transmitter and receiver are
both operating at the same time so that the controller re-
ceives its own transmissions. The controller provides
two types of internal loopback and one type of external
loopback. In internal loopback mode, the transmitted
data can be looped back to the receiver at one of two
places inside the controller without actually transmitting
any data to the external network. The receiver will move
the received data to the next receive buffer, where it can
be examined by software. Alternatively, in external loop-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com