Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C970 Datasheet(PDF) 87 Page - Advanced Micro Devices

Part # AM79C970
Description  PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970 Datasheet(HTML) 87 Page - Advanced Micro Devices

Back Button AM79C970 Datasheet HTML 83Page - Advanced Micro Devices AM79C970 Datasheet HTML 84Page - Advanced Micro Devices AM79C970 Datasheet HTML 85Page - Advanced Micro Devices AM79C970 Datasheet HTML 86Page - Advanced Micro Devices AM79C970 Datasheet HTML 87Page - Advanced Micro Devices AM79C970 Datasheet HTML 88Page - Advanced Micro Devices AM79C970 Datasheet HTML 89Page - Advanced Micro Devices AM79C970 Datasheet HTML 90Page - Advanced Micro Devices AM79C970 Datasheet HTML 91Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 168 page
background image
AMD
P R E L I M I N A R Y
1-954
Am79C970
completed. When IDON is set,
PCnet-PCI controller has read
the
Initialization
block
from
memory.
When IDON is set,
INTA is as-
serted if IENA = 1 and the mask
bit IDONM in CSR3 is clear.
IDON is set by the Buffer Man-
agement Unit after the initializa-
tion block has been read from
memory and cleared by writing a
“1”. Writing a “0” has no effect.
IDON is cleared by H_RESET or
S_RESET or by setting the
STOP bit.
7
INTR
Interrupt Flag indicates that one
or more following interrupt caus-
ing conditions has occurred:
BABL, MISS, MERR, MPCO,
RCVCCO, RINT, RPCO, TINT,
IDON, JAB or TXSTRT; and its
associated mask bit is clear. If
IENA = 1 and INTR is set,
INTA
will be active.
INTR is read only. INTR is
cleared by H_RESET, S_RE-
SET, setting the STOP bit or by
clearing all of the active individ-
ual interrupt bits that have not
been masked out.
6
IENA
Interrupt Enable allows
INTA to
be active if the Interrupt Flag is
set. If IENA = 0 then
INTA will be
disabled regardless of the state
of INTR.
IENA is set by writing a “1” and
cleared by writing a “0”. IENA is
cleared by H_RESET or S_RE-
SET or by setting the STOP bit.
5
RXON
Receive On indicates that the
Receive function is enabled.
RXON is set if DRX = 0 in
CSR15[1] after the START bit is
set. If INIT and START are set to-
gether, RXON will not be set until
after the initialization block has
been read in.
RXON is read only. RXON is
cleared
by
H_RESET
or
S_RESET or by setting the
STOP bit.
4
TXON
Transmit On indicates that the
Transmit function is enabled.
TXON is set if DTX = 0
in
CSR15[1] after the START bit is
set. If INIT and START are set to-
gether, TXON will not be set until
after the initialization block has
been read in.
TXON is read only. TXON is
cleared
by
H_RESET
or
S_RESET or by setting the
STOP bit.
3
TDMD
Transmit Demand, when set,
causes the Buffer Management
Unit to access the Transmit De-
scriptor Ring without waiting for
the poll-time counter to elapse. If
TXON is not enabled, TDMD bit
will be reset and no Transmit De-
scriptor Ring access will occur.
TDMD is required to be set if the
DPOLL bit in CSR4 is set; setting
TDMD while DPOLL = 0 merely
hastens the PCnet-PCI control-
ler’s response to a Transmit De-
scriptor Ring Entry.
TDMD is set by writing a “1”. Writ-
ing a “0” has no effect. TDMD will
be cleared by the Buffer Manage-
ment Unit when it fetches a
Transmit Descriptor. TDMD is
cleared by H_RESET or S_RE-
SET and setting the STOP bit.
2
STOP
STOP assertion disables the chip
from all DMA activity. The chip
remains
inactive
until
either
STRT or INIT are set. If STOP,
STRT and INIT are all set to-
gether, STOP will override STRT
and INIT.
STOP is set by writing a “1”, by
H_RESET or S_RESET. Writing
a “0” has no effect. STOP is
cleared by setting either STRT or
INIT.
1
STRT
STRT assertion enables PCnet-
PCI controller to send and re-
ceive frames, and perform buffer
management operations. Setting
STRT clears the STOP bit. If
STRT and INIT are set together,
PCnet-PCI controller initializa-
tion will be performed first.
STRT is set by writing a “1”. Writ-
ing a “0” has no effect. STRT is
cleared by H_RESET, S_RESET
or by setting the STOP bit.
0
INIT
INIT assertion enables PCnet-
PCI controller to begin the initiali-
zation procedure which reads in
the initialization block from mem-
ory. Setting INIT clears the STOP
bit. If STRT and INIT are set to-
gether, PCnet-PCI controller in-
itialization will be performed first.
INIT is not cleared when the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com