Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST20-GP1 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 58Page - STMicroelectronics ST20-GP1 Datasheet HTML 59Page - STMicroelectronics ST20-GP1 Datasheet HTML 60Page - STMicroelectronics ST20-GP1 Datasheet HTML 61Page - STMicroelectronics ST20-GP1 Datasheet HTML 62Page - STMicroelectronics ST20-GP1 Datasheet HTML 63Page - STMicroelectronics ST20-GP1 Datasheet HTML 64Page - STMicroelectronics ST20-GP1 Datasheet HTML 65Page - STMicroelectronics ST20-GP1 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 116 page
background image
ST20-GP1
62/116
®
state as soon as the clocks are stable. All internal logic is static so no information is lost
during power down.
•
Power to most of the chip removed — only the real time clock supply (RTCVDD) power on.
10.2.1 Power-down mode
The ST20-GP1 enters power-down when:
•
the low power alarm is programmed and started, via configuration registers, providing there
are no interrupts pending.
The ST20-GP1 exits power-down when:
•
an unmasked interrupt becomes pending.
•
the low power alarm counter reaches zero.
In power-down mode the processor and all peripherals are stopped, including the external memory
controller and optionally the PLL. Effectively the internal clock is stopped and functional operation
is stalled. On restart the clock is restarted and the chip resumes normal functional operation.
10.2.2 Low power mode
Low power mode can be achieved in one of two ways, as listed below.
•
Availability of direct clock input — this allows external control of clocking directly and thus
direct control of power consumption.
•
Internal global system clock may be stopped — in this case the external clock remains run-
ning. This mechanism allows the PLL to be kept running (if desired) so that wake up from
low power mode will be fast.
Wake-up from low power mode can be from: specific external pin activity (Interrupt pin); or the low
power timer alarm.
The low power timer and alarm are provided to control the duration for which the global clock
generation is stopped during low power mode. The timer and alarm registers can be set by the
device store instructions and read by the device load instructions.
Low power timer
The timer keeps track of real time, even when the internal clocks are stopped. The timer is a 64-bit
counter which runs off an external clock (LPClockIn). This clock rate must not be more than one
eighth of the system clock rate.
The real time clock is powered from a separate Vdd (RTCVDD) allowing it to be maintained at
minimal power consumption.
Low power alarm
There is also a 40-bit counter which can be used as a low power alarm or as a watchdog timer, this
is determined by the setting of the WdEnable register, see Table 10.10.
Alarm
A write to the LPAlarmStart register starts the low power alarm counter and the ST20-GP1 enters
low power mode. When the counter has counted down to zero, assuming no other valid wake-up
sources occur first, the ST20-GP1 exits low power mode and the global clocks are turned back on.
Whilst the clocks are turned off the LowPowerStatus pin is high, otherwise it is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com