| Electronic Components Datasheet Search |
|
ST20-GP1 Datasheet(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP1 Datasheet(HTML) 86 Page - STMicroelectronics |
|
86 / 116 page ![]() ST20-GP1 86/116 ® PIn register The data read from this register will give the logic level present on an input pin at the start of the read cycle to this register. The read data will be the last value written to the register irrespective of the pin configuration selected. 14.1.2 PIO bit configuration register The PC1 register is used to configure each of the PIO port bits as an input or output. Writing a 0 configures the bit as an input, a 1 configures the bit as an output. 14.1.3 PIO Input compare and Compare mask registers The input compare (PComp) register holds the value to which the input data from the PIO port pins will be compared. If any of the input bits are different from the corresponding bits in the PComp register, and the corresponding bit in the compare mask (PMask) register is set to 1, then the internal interrupt signal for the port will be set to 1. The compare function is sensitive to changes in levels on the pins and so the change in state on the input pin must be greater in duration than the interrupt response time for the compare to be seen as a valid interrupt by an interrupt service routine. PIn PIO port base address + #10 Read only Bit Bit field Function 0 PIn0 Input data bit 0 1 PIn1 Input data bit 1 2 PIn2 Input data bit 2 3 PIn3 Input data bit 3 4 PIn4 Input data bit 4 5 PIn5 Input data bit 5 Table 14.2 PIn register format PC1 PIO port base address + #30 Read/Write Bit Bit field Function 0 ConfigData0 Configures the PIO bit 0 as an input or an output. 1 ConfigData1 Configures the PIO bit 1 as an input or an output. 2 ConfigData2 Configures the PIO bit 2 as an input or an output. 3 ConfigData3 Configures the PIO bit 3 as an input or an output. 4 ConfigData4 Configures the PIO bit 4 as an input or an output. 5 ConfigData5 Configures the PIO bit 5 as an input or an output. Table 14.3 PC1 register format |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |