| Electronic Components Datasheet Search |
|
ST20-GP1 Datasheet(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP1 Datasheet(HTML) 67 Page - STMicroelectronics |
|
67 / 116 page ![]() ST20-GP1 67/116 ® 11 System services The system services module includes the control system, the PLL and power control. System services include all the necessary logic to initialize and sustain operation of the device and also includes error handling and analysis facilities. 11.1 Reset, initialization and debug The ST20-GP1 is controlled by a notRST pin which is a global power-on-reset. The CPU itself can also be controlled by CPUReset and CPUAnalyse signals separately from the on-chip peripherals. 11.1.1 Reset notRST initializes the device and causes it to enter its boot sequence which can either be in off- chip ROM or can be received down a link (see Section 11.2 on bootstrap). notRST must be asserted at power-on. When notRST is asserted low, all modules are forced into their power-on reset condition. The clocks are stopped. The rising edge of notRST is internally synchronized and delayed until the clocks are stable before starting the initialization sequence. CPUReset is provided as a functional reset which is quicker to reboot as the PLL is not reset. In other respects the effect is the same as notRST. CPUReset can be used in conjunction with CPUAnalyse. 11.1.2 CPUAnalyse If CPUAnalyse is taken high when the ST20-GP1 is running, the ST20-GP1 will halt at the next descheduling point. CPUReset may then be asserted. When CPUReset comes low again the ST20-GP1 will be in its reset state, and information on the state of the machine when it was halted by the assertion of CPUAnalyse, is maintained permitting analysis of the halted machine. An input link will continue with outstanding transfers. An output link will not make another access to memory for data but will transmit only those bytes already in the link buffer. Providing there is no delay in link acknowledgment, the link will be inactive within a few microseconds of the ST20-GP1 halting. If CPUAnalyse is taken low without CPUReset going high the processor state and operation are undefined. 11.1.3 Errors Software errors, such as arithmetic overflow or array bounds violation, can cause an error flag to be set. This flag is directly connected to the ErrorOut pin. The ST20-GP1 can be set to ignore the error flag in order to optimize the performance of a proven program. If error checks are removed any unexpected error then occurring will have an arbitrary undefined effect. The ST20-GP1 can alternatively be set to halt-on-error to prevent further corruption and allow postmortem debugging. The ST20-GP1 also supports user defined trap handlers, see Section 4.6 on page 23 for details. If a high priority process pre-empts a low priority one, status of the Error and HaltOnError flags is saved for the duration of the high priority process and restored at the conclusion of it. Status of both flags is transmitted to the high priority process. Either flag can be altered in the process without |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |