| Electronic Components Datasheet Search |
|
ST20-GP1 Datasheet(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP1 Datasheet(HTML) 59 Page - STMicroelectronics |
|
59 / 116 page ![]() ST20-GP1 59/116 ® status of the lock and stall bits. Table 9.6 shows the format of the EMIConfigStatus register. EMIConfigStall register The EMIConfigStall register can be used to stall the EMI. When set it prevents the EMI from accepting further requests from the CPU or communications subsystems. Its main use is intended to be in systems which anticipate turning the power off; the EMI must be inactive during such an event, otherwise battery backed memory may be corrupted. This register, once set, can only be cleared by resetting the ST20-GP1. 9.6 Reset and bootstrap behavior Table 9.8 shows the state of the EMI signals during reset. MemAddr2-19 are driven with a copy of the value on the internal memory bus2-19. Table 9.9 shows the configuration values for all banks during and after reset. If the BootSource0-1 pins indicate that the ST20-GP1 will boot from ROM, the BusWidth is set to the correct value as the ST20-GP1 comes out of reset. EMIConfigStatus EMI base address + #20 Read only Bit Bit field Function 0 WrittenBank0 Bank 0 configuration has been written to using a devsw instruction. 1 WrittenBank1 Bank 1 configuration has been written to using a devsw instruction. 2 WrittenBank2 Bank 2 configuration has been written to using a devsw instruction. 3 WrittenBank3 Bank 3 configuration has been written to using a devsw instruction. 4 WriteLock EMIConfigData0-3 registers are write protected. 5 MemStall EMIConfigStall has been set. 31:6 Reserved Table 9.6 EMIConfigStatus register format EMIConfigStall EMI base address + #30 Write only Bit Bit field Function 0 EMIStall When set, this bit prevents the arbiter from granting any more accesses to the memory subsystem. Table 9.7 EMIConfigStall register format Pins Value MemAddr2-19 Valid MemAddr1 High notMemCE0-3 All high notMemOE0-1 All high notMemWB0-1 All high MemData0-15 High impedance Table 9.8 EMI signal values during reset |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |