| Electronic Components Datasheet Search |
|
ST20-GP1 Datasheet(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP1 Datasheet(HTML) 33 Page - STMicroelectronics |
|
33 / 116 page ![]() ST20-GP1 33/116 ® The interrupt controller receives external interrupt requests and makes an interrupt request to the CPU when it has a pending interrupt request of higher priority than the currently executing interrupt handler. The Pending register is mapped onto two additional addresses so that bits can be set or cleared individually. Set_Pending (address ‘interrupt base address + #84’) allows bits to be set individually. Writing a ‘1’ in this register sets the corresponding bit in the Pending register, a ‘0’ leaves the bit unchanged. Clear_Pending (address ‘interrupt base address + #88’) allows bits to be cleared individually. Writing a ‘1’ in this register resets the corresponding bit in the Pending register, a ‘0’ leaves the bit unchanged. Note, if the CPU wants to write or clear some bits of the Pending register, the interrupts should be masked (by writing or clearing the Mask register) before writing or clearing the Pending register. The interrupts can then be unmasked. Exec register The Exec register keeps track of the currently executing and pre-empted interrupts. A bit is set when the CPU starts running code for that interrupt. The highest priority interrupt bit is reset once the interrupt handler executes a return from interrupt (iret). The Exec register is mapped onto two additional addresses so that bits can be set or cleared individually. Set_Exec (address ‘interrupt base address + #104’) allows bits to be set individually. Writing a ‘1’ in this register sets the corresponding bit in the Exec register, a ‘0’ leaves the bit unchanged. Clear_Exec (address ‘interrupt base address + #108’) allows bits to be cleared individually. Writing a ‘1’ in this register resets the corresponding bit in the Exec register, a ‘0’ leaves the bit unchanged. Pending Interrupt controller base address + #80 Read/Write Bit Bit field Function 0 PendingInt0 Interrupt 0 pending bit. 1 PendingInt1 Interrupt 1 pending bit. 2 PendingInt2 Interrupt 2 pending bit. 3 PendingInt3 Interrupt 3 pending bit. 4 PendingInt4 Interrupt 4 pending bit. Table 5.4 Pending register format Exec Interrupt controller base address + #100 Read/Write Bit Bit field Function 0 Interrupt0Exec Set to 1 when the CPU starts running code for interrupt 0. 1 Interrupt1Exec Set to 1 when the CPU starts running code for interrupt 1. 2 Interrupt2Exec Set to 1 when the CPU starts running code for interrupt 2. 3 Interrupt3Exec Set to 1 when the CPU starts running code for interrupt 3. 4 Interrupt4Exec Set to 1 when the CPU starts running code for interrupt 4. Table 5.5 Exec register format |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |