| Electronic Components Datasheet Search |
|
ST20-GP1 Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP1 Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 116 page ![]() ST20-GP1 15/116 ® For channels 0 and 1, RTCA-SC159 satellite codes can also be selected. This is achieved by setting the PRNcode0-11 register appropriately and also writing the initial value for the satellite to the PRNinitialVal0-1 register, see Table 3.8. If uninitialized by the software, the PRNinitialVal register defaults to 11 1111 1111 (#3FF) as required for GPS satellites. The PRNcode0-11 and PRNinitialVal0-1 registers are normally written only when the satellite is first chosen. PRNphase0-11 registers The PRN0-11phase registers determine the relative delay between the receiver master clock, and the start of the one millisecond repetitive code sequence. The code sequence starts when the receiver clock counter (invisible to the software except through message timestamps) reaches the value written to the PRNphase0-11 register. The PRNphase0-11 register must only be written once per satellite milliseconds-epoch, which varies from the receiver epoch dynamically due to satellite motion. Synchronism with the software is achieved by reading the register, when a write enable flag is returned. If not enabled, the write operation is abandoned by the software. a. Refer to the US DoD document ICD-GPS-200. b. It is the responsibility of the software to ensure that when this value is selected, a suitable value has been written into the PRNinitialVal0-1 register. If this channel is later used for a standard GPS sat- ellite, the PRNinitialVal0-1 must be set to all ones (#3FF). 16 #29 10 9 17 #41 4 1 18 #52 5 2 19 #63 6 3 20 #74 7 4 21 #05 8 5 22 #16 9 6 23 #31 3 1 24 #64 6 4 25 #75 7 5 26 #06 8 6 27 #17 9 7 28 #28 10 8 29 #61 6 1 30 #72 7 2 31 #03 8 3 32 #14 9 4 - #25 10 5 - #24 10 4 - #71 7 1 - #02 8 2 - #24 10 4 WAASb #20 10 0 Satellite ID PRNcode0-11 register value Taps selected from G2 shift registera by bits 6 to 4 by bits 3 to 0 Table 3.3 PRNcode0-11 register value |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |