Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST20-GP1 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 50Page - STMicroelectronics ST20-GP1 Datasheet HTML 51Page - STMicroelectronics ST20-GP1 Datasheet HTML 52Page - STMicroelectronics ST20-GP1 Datasheet HTML 53Page - STMicroelectronics ST20-GP1 Datasheet HTML 54Page - STMicroelectronics ST20-GP1 Datasheet HTML 55Page - STMicroelectronics ST20-GP1 Datasheet HTML 56Page - STMicroelectronics ST20-GP1 Datasheet HTML 57Page - STMicroelectronics ST20-GP1 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 116 page
background image
ST20-GP1
54/116
®
Figure 9.3 shows the generic EMI activity during a write access. notMemOE is inactive during a
write access, and the function of notMemWB1 is dictated by the bus width of the bank in the same
way as for a read access. MemData8-15 is held in high impedance during a write access if the bus
width is 8-bit, otherwise it follows the timing configured for MemData0-7.
Figure 9.3 Configuration parameters for a write access
The following caveats relate to strobe edge programming:
•
If any of the strobe edges are programmed to occur outside the period defined by Access-
Duration, the activity for that strobe is undefined.
•
If a strobe’s rising and falling edges are programmed to occur on the same system clock
edge, they will nullify each other and the strobe will stay in the same state. This rule also
applies for consecutive accesses.
Transactions normally consist of several accesses which run consecutively without any ‘dead
cycles’. The number of accesses in a transaction is dependent on the bus width and the nature of
the memory bus request. Table 9.3 lists the transaction composition and the behavior of
MemAddr1 and notMemWB0-1 for each access.
MemAddr1-19
notMemWB1*
notMemCE
notMemWB0
MemData0-7
MemData8-15†
Access duration
CEe1 time
CEe2 time
WBe1 time
* Only when bus width is 8-bit. When bus width is 16-bit, notMemWB1 follows the timing
WBe2 time
specified for notMemWB0.
† Held in high impedance when bus width is 8-bit.
Data drive delay
(MemAddr0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com