| Electronic Components Datasheet Search |
|
ST20-GP1 Datasheet(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP1 Datasheet(HTML) 87 Page - STMicroelectronics |
|
87 / 116 page ![]() ST20-GP1 87/116 ® PComp PIO port base address + #50 Read/Write Bit Bit field Function 0 PComp0 Value to which input data bit 0 will be compared. 1 PComp1 Value to which input data bit 1 will be compared. 2 PComp2 Value to which input data bit 2 will be compared. 3 PComp3 Value to which input data bit 3 will be compared. 4 PComp4 Value to which input data bit 4 will be compared. 5 PComp5 Value to which input data bit 5 will be compared. Table 14.4 PComp register format PMask PIO port base address + #60 Read/Write Bit Bit field Function 0 PMask0 When set to 1, the compare function for the internal interrupt for the port is enabled. When enabled, if input data bit 0 is different to PComp0 then an interrupt is generated. 1 PMask1 When set to 1, the compare function for the internal interrupt for the port is enabled. When enabled, if input data bit 1 is different to PComp1 then an interrupt is generated. 2 PMask2 When set to 1, the compare function for the internal interrupt for the port is enabled. When enabled, if input data bit 2 is different to PComp2 then an interrupt is generated. 3 PMask3 When set to 1, the compare function for the internal interrupt for the port is enabled. When enabled, if input data bit 3 is different to PComp3 then an interrupt is generated. 4 PMask4 When set to 1, the compare function for the internal interrupt for the port is enabled. When enabled, if input data bit 4 is different to PComp4 then an interrupt is generated. 5 PMask5 When set to 1, the compare function for the internal interrupt for the port is enabled. When enabled, if input data bit 5 is different to PComp5 then an interrupt is generated. Table 14.5 PMask register format |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |