Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST20-GP1 Datasheet(PDF) 81 Page - STMicroelectronics

Part # ST20-GP1
Description  GPS PROCESSOR
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP1 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button ST20-GP1 Datasheet HTML 77Page - STMicroelectronics ST20-GP1 Datasheet HTML 78Page - STMicroelectronics ST20-GP1 Datasheet HTML 79Page - STMicroelectronics ST20-GP1 Datasheet HTML 80Page - STMicroelectronics ST20-GP1 Datasheet HTML 81Page - STMicroelectronics ST20-GP1 Datasheet HTML 82Page - STMicroelectronics ST20-GP1 Datasheet HTML 83Page - STMicroelectronics ST20-GP1 Datasheet HTML 84Page - STMicroelectronics ST20-GP1 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 116 page
background image
ST20-GP1
81/116
®
ASCControl register
This register controls the operating mode of the ASC and contains control bits for mode and error
check selection, and status flags for error identification.
Note: Programming the mode control field (Mode) to one of the reserved combinations may result
in unpredictable behavior.
Note: Serial data transmission or reception is only possible when the baud rate generator run bit
(Run) is set to 1. When the Run bit is set to 0, TXD will be 1. Setting the Run bit to 0 will
immediately freeze the state of the transmitter and receiver. This should only be done when the
ASC is idle.
ASCRxBuffer
ASC base address + #08
Read only
Bit
Bit field
Function
0
RD0
Receive buffer data D0
1
RD1
Receive buffer data D1
2
RD2
Receive buffer data D2
3
RD3
Receive buffer data D3
4
RD4
Receive buffer data D4
5
RD5
Receive buffer data D5
6
RD6
Receive buffer data D6
7
RD7/Parity
Receive buffer data D7, or parity bit - dependent on the operating mode (the setting of the
Mode bit in the ASCControl register).
Note: If the Mode field selects a 7-bit frame then this bit is undefined. Software should ignore
this bit when reading 7-bit frames.
8
RD8/Parity/
Wake/X
Receive buffer data D8, or parity bit, or wake-up bit - dependent on the operating mode (the
setting of the Mode field in the ASCControl register).
Note: If the Mode field selects a 7- or 8-bit frame then this bit is undefined. Software should
ignore this bit when reading 7- or 8-bit frames.
15:9
RESERVED. Will read back 0.
Table 13.4 ASCRxBuffer register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com