| Electronic Components Datasheet Search |
|
ST20-GP1 Datasheet(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP1 Datasheet(HTML) 45 Page - STMicroelectronics |
|
45 / 116 page ![]() ST20-GP1 45/116 ® 7 Memory map The ST20-GP1 processor memory has a 32-bit signed address range. Words are addressed by 30-bit word addresses and a 2-bit byte-selector identifies the bytes in the word. Memory is divided into 4 banks which can each have different memory characteristics and can be used for different purposes. In addition, on-chip peripherals can be accessed via the device access instructions (see Table 6.19). Various memory locations at the bottom and top of memory are reserved for special system purposes. There is also a default allocation of memory banks to different uses. Note that the ST20-GP1 uses 30 bits of addressing internally, but addresses A20-A29 are not brought out to external pins. Address bits A30 and A31 are used as bank selects. 7.1 System memory use The ST20-GP1 has a signed address space where the address ranges from MinInt (#80000000) at the bottom to MaxInt (#7FFFFFFF) at the top. The ST20-GP1 has an area of 4 Kbytes of RAM at the bottom of the address space provided by on chip memory. The bottom of this area is used to store various items of system state. These addresses should not be accessed directly but via the appropriate instructions. Near the bottom of the address space there is a special address MemStart. Memory above this address is for use by user programs while addresses below it are for private use by the processor and used for subsystem channels and trap handlers. The address of MemStart can be obtained via the ldmemstartval instruction. 7.1.1 Subsystem channels memory Each DMA channel between the processor and a subsystem is allocated a word of storage below MemStart. This is used by the processor to store information about the state of the channel. This information should not normally be examined directly, although debugging kernels may need to do so. Boot channel The subsystem channel which is a link input channel is identified as a ‘boot channel’. When the processor is reset, and is set to boot from link, it waits for boot commands on this channel. 7.1.2 Trap handlers memory The area of memory reserved for trap handlers is broken down hierarchically. Full details on trap handlers is given in see Section 4.6 on page 23. • Each high/low process priority has a set of trap handlers. • Each set of trap handlers has a handler for each of the four trap groups (refer to Section 4.6.1). • Each trap group handler has a trap handler structure and a trapped process structure. • Each of the structures contains four words, as detailed in Section 4.6.3. The contents of these addresses can be accessed via ldtraph, sttraph, ldtrapped and sttrapped instructions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |